Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6604B Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6604B
Description  Drives Two N-Channel MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6604B Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6604B Datasheet HTML 1Page - Intersil Corporation HIP6604B Datasheet HTML 2Page - Intersil Corporation HIP6604B Datasheet HTML 3Page - Intersil Corporation HIP6604B Datasheet HTML 4Page - Intersil Corporation HIP6604B Datasheet HTML 5Page - Intersil Corporation HIP6604B Datasheet HTML 6Page - Intersil Corporation HIP6604B Datasheet HTML 7Page - Intersil Corporation HIP6604B Datasheet HTML 8Page - Intersil Corporation HIP6604B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9072.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2005, 2012. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
HIP6601B, HIP6603B, HIP6604B
Synchronous Rectified Buck
MOSFET Drivers
The HIP6601B, HIP6603B and HIP6604B are high-frequency,
dual MOSFET drivers specifically designed to drive two power
N-Channel MOSFETs in a synchronous rectified buck converter
topology. These drivers combined with a HIP63xx or the ISL65xx
series of Multi-Phase Buck PWM controllers and MOSFETs form
a complete core-voltage regulator solution for advanced
microprocessors.
The HIP6601B drives the lower gate in a synchronous rectifier to
12V, while the upper gate can be independently driven over a range
from 5V to 12V. The HIP6603B drives both upper and lower gates
over a range of 5V to 12V. This drive-voltage flexibility provides
the advantage of optimizing applications involving trade-offs
between switching losses and conduction losses. The HIP6604B
can be configured as either a HIP6601B or a HIP6603B.
The output drivers in the HIP6601B, HIP6603B and HIP6604B
have the capacity to efficiently switch power MOSFETs at
frequencies up to 2MHz. Each driver is capable of driving a
3000pF load with a 30ns propagation delay and 50ns transition
time. These products implement bootstrapping on the upper gate
with only an external capacitor required. This reduces
implementation complexity and allows the use of higher
performance, cost effective, N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both MOSFETs
from conducting simultaneously.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Device
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 8 Ld SOIC and EPSOIC and 16 Ld QFN Packages
• Dual Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Output Stage Shutdown
• Supply Undervoltage Protection
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN—Quad Flat No
Leads—Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile.
• Pb-Free (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel Pentium® III, AMD® Athlon™
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
Related Literature
• Technical Brief TB363, Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices (SMDs)
Data Sheet
May 1, 2012
NOT R
ECOM
MEND
ED FOR
NEW D
ESIGN
S
INTER
SIL RE
COMM
ENDS:
ISL661
2, ISL6
612A, I
SL6613
, ISL66
13A,
ISL661
4, ISL6
614A


Similar Part No. - HIP6604B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6604B INTERSIL-HIP6604B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6604B RENESAS-HIP6604B Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
logo
Intersil Corporation
HIP6604B INTERSIL-HIP6604B Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
HIP6604BCRZ INTERSIL-HIP6604BCRZ Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6604BCRZ INTERSIL-HIP6604BCRZ Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
More results

Similar Description - HIP6604B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
HIP2100IRZT INTERSIL-HIP2100IRZT Datasheet
392Kb / 12P
   Drives N-Channel MOSFET Half Bridge
logo
Hi-Sincerity Mocroelect...
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
   N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
   N-Channel MOSFETs
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
   N-Channel MOSFETs
logo
Texas Instruments
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
logo
International Rectifier
IRF6723M2DPBF IRF-IRF6723M2DPBF_15 Datasheet
271Kb / 10P
   Replaces Two Discrete MOSFETs
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com