Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601BCBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6601BCBZ
Description  Drives Two N-Channel MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601BCBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6601BCBZ Datasheet HTML 1Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 2Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 3Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 4Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 5Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 6Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 7Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 8Page - Intersil Corporation HIP6601BCBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN9072.8
May 1, 2012
Pinouts
HIP6601BCB, HIP6603BCB,
HIP6601BECB, HIP6603BECB,
(8 LD SOIC, EPSOIC)
TOP VIEW
HIP6604B
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
HIP6601BCBZ*
6601 BCBZ
0 to +85
8 Ld SOIC
M8.15
HIP6601BCBZA*
6601 BCBZ
0 to +85
8 Ld SOIC
M8.15
HIP6601BECBZ*
6601 BECBZ
0 to +85
8 Ld EPSOIC M8.15B
HIP6601BECBZA* 6601 BECBZ
0 to +85
8 Ld EPSOIC M8.15B
HIP6603BCBZ*
6603 BCBZ
0 to +85
8 Ld SOIC
M8.15
HIP6603BECBZ*
6603 BECBZ
0 to +85
8 Ld EPSOIC M8.15B
HIP6604BCRZ*
66 04BCRZ
0 to +85
16 Ld QFN
L16.4x4
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free
material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information
page for HIP6601B, HIP6603B, HIP6604B. For more information
on MSL, please see Technical Brief TB363.
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
1
3
4
15
NC
BOOT
PWM
GND
16
14
13
2
12
10
9
11
6
57
8
NC
PVCC
LVCC
VCC
Block Diagrams
HIP6601B AND HIP6603B
HIP6604B QFN PACKAGE
PVCC
VCC
PWM
+5V
10k
10k
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
GND
VCC FOR HIP6601B
PVCC FOR HIP6603B
FOR HIP6601BECB AND HIP6603BECB DEVICES, THE PAD ON THE BOTTOM
PAD
SIDE OF THE PACKAGE MUST BE SOLDERED TO THE PC BOARD.
PVCC
VCC
PWM
+5V
10k
10k
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
PGND
LVCC
CONNECT LVCC TO VCC FOR HIP6601B CONFIGURATION
GND
PAD
PAD ON THE BOTTOM SIDE OF THE PACKAGE MUST BE SOLDERED TO THE PC BOARD
CONNECT LVCC TO PVCC FOR HIP6603B CONFIGURATION.
HIP6601B, HIP6603B, HIP6604B


Similar Part No. - HIP6601BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZ INTERSIL-HIP6601BCBZ Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
logo
Renesas Technology Corp
HIP6601BCBZ RENESAS-HIP6601BCBZ Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
logo
Intersil Corporation
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
More results

Similar Description - HIP6601BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
HIP2100IRZT INTERSIL-HIP2100IRZT Datasheet
392Kb / 12P
   Drives N-Channel MOSFET Half Bridge
logo
Hi-Sincerity Mocroelect...
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
   N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
   N-Channel MOSFETs
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
   N-Channel MOSFETs
logo
Texas Instruments
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
logo
International Rectifier
IRF6723M2DPBF IRF-IRF6723M2DPBF_15 Datasheet
271Kb / 10P
   Replaces Two Discrete MOSFETs
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com