Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-A430 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-A430
Description  Surface Mount LED Indicator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-A430 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMC-A430 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMC-A430 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Vacuum Pick-up Tool
Soft Tip
Nozzle Inner Diameter
size: 1.0 to 1.5 mm
1.25mm
Radius Contour
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
–6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
TIME
10 to 20 SEC.
255 °C +5°C
-0°C
125°C +/- 25°C
217°C
3°C/SEC MAX.
MAX. 120 SEC.
-6°C/SEC MAX.
60-150 SEC.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150 C (100 C PCB)
SOLDER WAVE TEMPERATURE = 245 C
AIR KNIFE AIR TEMPERATURE = 390 C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY
COOLED BEFORE EXERTING MECHANICAL FORCE.
Figure 9. Recommended Wave Soldering Profile.
Figure 7. Soft Tip Vacuum Pick-up Tool for Extracting SMT LED Components from Carrier Tape.
Note: For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN 1060 Surface Mounting SMT
LED Indicator Components.
Figure 8a. Recommended SnPb Reflow Soldering Profile
Figure 8b. Recommended Pb-free Reflow Soldering Profile.


Similar Part No. - HSMC-A430

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A430-W50M1 AVAGO-HSMC-A430-W50M1 Datasheet
584Kb / 10P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMC-A430-W50M1 BOARDCOM-HSMC-A430-W50M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSMC-A430-W50M1 BOARDCOM-HSMC-A430-W50M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMC-A430

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com