Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSML-A431-X90M1 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSML-A431-X90M1
Description  Surface Mount LED Indicator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSML-A431-X90M1 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSML-A431-X90M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Intensity Bin Select (X5X6)
Individual reel will contain parts from one half bin only
X5
Min Iv Bin
X6
0
Full Distribution
2
2 half bins starting from X51
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
6
2 half bins starting from X52
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Intensity Bin Limits
Bin ID
Min (mcd)
Max (mcd)
U1
450.00
560.00
U2
560.00
715.00
V1
715.00
900.00
V2
900.00
1125.00
W1
1125.00
1400.00
W2
1400.00
1800.00
X1
1800.00
2240.00
X2
2240.00
2850.00
Y1
2850.00
3550.00
Y2
3550.00
4500.00
Z1
4500.00
5600.00
Z2
5600.00
7150.00
11
7150.00
9000.00
12
9000.00
11250.00
21
11250.00
14000.00
22
14000.00
18000.00
Tolerance of each bin limit = ± 12%
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a
per Jedec J-STD-020. Precautions when handling this
moisture sensitive product is important to ensure the reli-
ability of the product. Do refer to Avago Application Note
AN5305 Handling of Moisture Sensitive Surface Mount
Devices for details.
A. Storage before use
- Unopen moisture barrier bag (MBB) can be stored at
<40°C/90%RH for 12 months. If the actual shelf life has
exceeded 12 months and the HIC indicates that baking
is not required, then it is safe to reflow the LEDs per the
original MSL rating.
- It is not recommended to open the MBB prior to assem-
bly (e.g. for IQC).
B. Control after opening the MBB
- The humidity indicator card (HIC) shall be read immedi-
ately upon opening of MBB.
- The LEDs must be kept at <30°C / 60%RH at all time and
all high temperature related process including solder-
ing, curing or rework need to be completed within 672
hours.
C. Control for unfinished reel
- For any unuse LEDs, they need to be stored in sealed
MBB with desiccant or desiccator at <5%RH.
D. Control of assembled boards
- If the PCB soldered with the LEDs is to be subjected to
other high temperature processes, the PCB need to be
stored in sealed MBB with desiccant or desiccator at
<5%RH to ensure no LEDs have exceeded their floor life
of 672 hours.
E. Baking is required if:
- “10%” is Not blue and “5%” HIC indicator turns pink.
- The LEDs are exposed to condition of >30°C / 60% RH at
any time.
- The LEDs floor life exceeded 672 hours.
Recommended baking condition: 60±5°C for 20 hours.


Similar Part No. - HSML-A431-X90M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSML-A431-X90M1 AVAGO-HSML-A431-X90M1 Datasheet
584Kb / 10P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSML-A431-X90M1 BOARDCOM-HSML-A431-X90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSML-A431-X90M1 BOARDCOM-HSML-A431-X90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSML-A431-X90M1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com