Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3895EVM Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3895EVM
Description  Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3895EVM Datasheet(HTML) 2 Page - Texas Instruments

  UCC3895EVM Datasheet HTML 1Page - Texas Instruments UCC3895EVM Datasheet HTML 2Page - Texas Instruments UCC3895EVM Datasheet HTML 3Page - Texas Instruments UCC3895EVM Datasheet HTML 4Page - Texas Instruments UCC3895EVM Datasheet HTML 5Page - Texas Instruments UCC3895EVM Datasheet HTML 6Page - Texas Instruments UCC3895EVM Datasheet HTML 7Page - Texas Instruments UCC3895EVM Datasheet HTML 8Page - Texas Instruments UCC3895EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
Introduction
2
Features
User's Guide
SLUU109B – December 2001 – Revised February 2009
Using the UCC3895 in a Direct Control Driven
Synchronous Rectifier Applications
The UCC3895EVM-001 evaluation module (EVM) is an isolated 48-V input phase-shifted full-bridge
converter providing an output of 3.3 V at 15 A. The AB outputs of the UCC3895, in this application are
used for direct control driven synchronous rectification. No demodulation of the AB phase shift clock
signals is necessary to produce fully operational synchronous rectification gate drive signals yielding a
significant overall efficiency increase.
Operating in peak current-mode control, this EVM highlights the many benefits of using the UCC3895
advanced phase-shift PWM controller for direct control of synchronous rectification. This user's guide
provides the schematic, component list, assembly drawing, artwork and test setup necessary to evaluate
the UCC3895 in a typical control-driven synchronous rectification application.
• 48-V typical input (36 V < VIN < 72 V), 2:1 input range
• 3.3-V output at 15 A
DC
• Control driven synchronous rectifier current doubler output
• 1500-V input to output isolation
• Compact size, low profile (3.5" x 2.5" x 0.5")
• Peak current-mode control
• 400-kHz oscillator frequency (200-kHz operating frequency)
• Fixed-frequency operation
• 87% efficiency
• Single side OTS surface-mount components
• Short circuit protection
Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
2
SLUU109B – December 2001 – Revised February 2009
Submit Documentation Feedback


Similar Part No. - UCC3895EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3895 TI-UCC3895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895 TI-UCC3895 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895 TI1-UCC3895 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC3895DW TI-UCC3895DW Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC3895DW TI-UCC3895DW Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC3895EVM

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
   Using the EnerChip??in Pulse Current Applications
logo
Fairchild Semiconductor
AN-5025 FAIRCHILD-AN-5025 Datasheet
377Kb / 3P
   Applications Using the GTLP10B320
AN-6203 FAIRCHILD-AN-6203 Datasheet
248Kb / 8P
   Applying SG6203 to Control a Synchronous Rectifier
logo
Silicon Laboratories
AN313 SILABS-AN313 Datasheet
120Kb / 6P
   USING THE Si3400 AND Si3401 IN HIGH POWER APPLICATIONS
logo
STMicroelectronics
AN2319 STMICROELECTRONICS-AN2319 Datasheet
70Kb / 8P
   Using the 64-bit UID in contactless RFID applications
logo
International Rectifier
IRF135SA204 IRF-IRF135SA204 Datasheet
574Kb / 11P
   Synchronous rectifier applications
IRF7480MTRPBF IRF-IRF7480MTRPBF Datasheet
518Kb / 12P
   Synchronous rectifier applications
logo
STMicroelectronics
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
   Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
logo
List of Unclassifed Man...
BA15S ETC2-BA15S Datasheet
423Kb / 1P
   Designed as a direct replacement in low voltage landscape lighting applications
logo
Infineon Technologies A...
BGA430 INFINEON-BGA430 Datasheet
724Kb / 24P
   A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
19-November-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com