Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZJ6.8C Datasheet(PDF) 4 Page - Formosa MS

Part # LLZJ6.8C
Description  Zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LLZJ6.8C Datasheet(HTML) 4 Page - Formosa MS

  LLZJ6.8C Datasheet HTML 1Page - Formosa MS LLZJ6.8C Datasheet HTML 2Page - Formosa MS LLZJ6.8C Datasheet HTML 3Page - Formosa MS LLZJ6.8C Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Formosa MS
LLZJ Series
Formosa MS
4
Zener voltage
Operating
resistance
Rising operating
resistance
Reverse current
Vz (V)
Zzt (O )
Zzk (O )
IR (µ A)
Type
Rank
Min.
Max.
Iz (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
A
29.68
31.22
B
30.32
31.88
C
30.90
32.50
LLZJ 33
D
31.49
33.11
5
65
5
250
0.5
0.2
25
A
32.14
33.79
B
32.79
34.49
C
33.40
35.13
LLZJ 36
D
34.01
35.77
5
75
5
250
0.5
0.2
27
A
34.68
36.47
B
35.36
37.19
C
36.00
37.85
LLZJ 39
D
36.63
38.52
5
85
5
250
0.5
0.2
30
Dimensions in mm
Cathode band
Glass Case
Mini Melf / SOD 80
JEDEC DO 213 AA


Similar Part No. - LLZJ6.8C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLZ10 MCC-LLZ10 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ10 TSC-LLZ10 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ10 TSC-LLZ10 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ10 MCC-LLZ10 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
LLZ10A MCC-LLZ10A Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZJ6.8C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com