Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC801 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # LC801
Description  RF POWER LDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LC801 Datasheet(HTML) 2 Page - Polyfet RF Devices

  LC801_14 Datasheet HTML 1Page - Polyfet RF Devices LC801_14 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L2B 1 DIE ID & GM Vs VG
0.10
1.00
10.00
0
2
4
6
8
10
12
14
16
18
Vgs in Volts
Id
gM
L2B 1 DICE CAPACITANCE
1
10
100
0
2468
10
12
14
16
18
20
22
24
26
28
VDS IN VOLTS
Coss
Ciss
Crss
LC801 Pin vs Pout Freq=500MHz, Vds=28Vdc, Idq=.2A
0
5
10
15
20
25
30
00.511.5
22.5
3
Pin in Watts
9
10
11
12
13
14
15
16
17
18
Pout
Gain
Efficiency@ 15W = 50%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
LC801
L2B 1 DIE IV
0
1
2
3
4
5
6
0
2
4
6
8
101214
1618
20
VDS IN VOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
0
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 10/01/2007
Tolerance .XX +/-0.01
.XXX +/-.005 inches


Similar Part No. - LC801_14

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC80101M SANYO-LC80101M Datasheet
162Kb / 9P
   VICS LSI
More results

Similar Description - LC801_14

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ801 POLYFET-LQ801_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
   RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
   RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
   RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
LQ821 POLYFET-LQ821_14 Datasheet
61Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com