Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF470 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF470
Description  PNP PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF470 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF470 Datasheet HTML 1Page - Continental Device India Limited BF470 Datasheet HTML 2Page - Continental Device India Limited BF470 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP PLASTIC POWER TRANSISTORS
BF470, 472
TO126
Plastic Package
Complementary BF469, 471
Video Applications in TV
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
470
472
UNITS
Collector Base Voltage(open emitter)
VCBO
>250
>300
V
Collector Emitter Voltage (open base)
VCEO
>250
V
Collector Emitter Voltage (RBE <2.7KΩ)
VCER
<300
V
Emitter Base Voltage(open collector)
VEBO
>5.0
V
Collector Current
IC
<30
mA
Collector Current (Peak Value)
ICM
<100
mA
Total Power Dissipation@ Tc=110
0 C
Ptot
<2.0
W
Junction Temperature
Tj
<150
ºC/W
Storage Temperature
Tstg
-65 to +150
ºC/W
THERMAL RESISTANCE
From Junction to case
Rth(j-c)
20
K/W
From Junction to ambient
Rth(j-a)
100
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
470
472
UNITS
Collector-Cut off Current
ICBO
IE =0, VCB =200V
<100
n
Α
ICER
RBE=2.7kΩ,
<50
n
Α
VCE=250V
ICER
RBE=2.7kΩ,
<10
µA
VCE=200V,TJ=150ºC
Emitter cut off Current
IEBO
VEB =5V, IC =0
<10
µA
Breakdown Voltages
VCEO
IC =1mA, IB =0
>250
V
VCER
IC=1µA,RBE=2.7KΩ
>300
V
VCBO
IC =10µA, IE =0
>250
>300
V
VEBO
IC =0, IE =10µA
>5.0
V
DC Current Gain
hFE
IC=25mA,VCE=20V
>50
Transition Frequency
fT
IC=10mA, VCE=10V
>60
MHz
Feedback Capacitance f=0.5MHz
Cre
IC=0, VCE=30V
>1.8
pF
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BF470

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF470 PHILIPS-BF470 Datasheet
64Kb / 8P
   PNP high-voltage transistors
1996 Dec 09
logo
New Jersey Semi-Conduct...
BF470 NJSEMI-BF470 Datasheet
100Kb / 3P
   PNP high-voltage transistors
More results

Similar Description - BF470

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB631 CDIL-CSB631 Datasheet
125Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
List of Unclassifed Man...
BD202 ETC-BD202 Datasheet
26Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
MJE170 CDIL-MJE170 Datasheet
556Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
CSA968 CDIL-CSA968 Datasheet
123Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD136 TEL-BD136 Datasheet
53Kb / 2P
   PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSA1220 CDIL-CSA1220 Datasheet
150Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com