Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1383 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM1383
Description   Contact Bayonet Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM1383 Datasheet(HTML) 1 Page - Visual Communications Company

  CM1383 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
C -2F
C -2F
C -2V
200
1,000
200
3.8
2.8
3.0
.16
.18
.18
32.0
24.0
22.0
C M1224K
C M509K
C M71K
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M81K
C M63K
C M1471
C M89K
C M67K
C M529
C M2621
14.0
14.0
13.5
13.0
12.0
7.0
6.5
.27
.26
.59
.58
.26
.63
1.02
1.6
2.9
4.0
6.0
2.3
3.0
6.0
500
250
5,000
750
250
1,000
500
C -2R
C -2V
C -2R
C -2R
C -2V
C -2R
C -2R
MAX.
.750
1.44 MAX.
R-12 Single Contact Bayonet Base
R-12 Double Contact Bayonet Base
G-6 Candelabra Screw Base
C -8
C -8
CC -8
CC -8
300
300
300
300
-
-
-
-
3.30
1.50
.72
.72
6.0
13.0
28.0
28.0
C M1387
C M1385
C M1383
C M1384
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
1.546
MAX.
2.625
CC -8
CC -2V
CC -2V
500
100
100
-
-
-
.83
1.35
1.35
24.0
28.0
28.0
C M1380
C M1388
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
2.625
MAX.
1.546


Similar Part No. - CM1383

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1383 CML-CM1383 Datasheet
223Kb / 1P
   R-12 Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1383 ETC-CM1383 Datasheet
33Kb / 1P
   R-12 Single, Double, Candelabra Contact Bayonet Base
More results

Similar Description - CM1383

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1228 VCC-CM1228 Datasheet
33Kb / 1P
   Contact Bayonet Base
CM1183 VCC-CM1183 Datasheet
32Kb / 1P
   Contact Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
CM210 VCC-CM210 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
CM1459 VCC-CM1459 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
CM1724 VCC-CM1724 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
Chicago Miniature Lamp,...
CM1459 CML-CM1459 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
CM1228 CML-CM1228 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
CM1384 CML-CM1384 Datasheet
223Kb / 1P
   R-12 Single Contact Bayonet Base
CM1584 CML-CM1584 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com