Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2357 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM2357
Description  Contact Bayonet Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM2357 Datasheet(HTML) 1 Page - Visual Communications Company

  CM2357 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
S-8 Double Contact Bayonet Base
S-8 Double Contact Index Base
S-11 Single Contact Bayonet Base
C -2V
C -2V
C -13
C -2V
C -7A
C -13
150
500
3,800
400
200
1,000
15.0
32.0
14.0
15.0
6.0
7.6
.45
.83
.53
.38
.17
.22
32.0
37.5
40.0
40.0
44.0
45.5
C M1676
C M110
C M1229
C M895
C M653
C M1228
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
1.040 MAX.
2.00 MAX.
C -2V *
CC -6*
C -6*
C -6*
C -6*
C -6*
1,000
400
500
400
5,000
1,200
6.0
32.0
3.0
40.0
2.0
32.0
.94
.93
.59
2.23
.48
2.10
28.0
28.0
14.0
12.8
14.0
12.8
C M1662
C M2357
C M2057
C M1034
C M1035
C M1157
14.0
12.8
14.0
12.8
14.0
12.8
14.0
.59
2.10
.59
1.44
.59
1.80
.59
3.0
32.0
3.0
21.0
3.0
32.0
6.0
5,000
600
5,000
1,000
5,000
200
1,000
C -6*
C -6*
C -6*
C -6*
C -6*
C -6*
C -6*
2C -6*
2C -6*
C -6
C -2R
C -6*
C -6*
C -6*
200
1,000
200
500
1,200
5,000
200
21.0
3.0
21.0
23.0
32.0
3.0
21.0
2.63
.75
2.69
3.00
2.25
.68
1.34
6.4
7.0
6.4
6.4
12.8
14.0
12.8
C M1016
C M198
C M1626
C M1606
C M1154
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
* Dual F ilament Lamp
1.040 MAX.
2.00 MAX.
MAX.
2.38
MAX.
1.42
C -6
C -2V
C -2V
C -2V
400
300
300
1,000
32.0
32.0
50.0
44.0
4.50
.90
1.29
1.29
6.2
28.0
28.0
28.0
C M3011
C M311
C M309
C M1723
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art


Similar Part No. - CM2357

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM2357 CML-CM2357 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
More results

Similar Description - CM2357

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1183 VCC-CM1183 Datasheet
32Kb / 1P
   Contact Bayonet Base
CM1384 VCC-CM1384 Datasheet
28Kb / 1P
    Contact Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
CM210 VCC-CM210 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
CM1459 VCC-CM1459 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
CM1724 VCC-CM1724 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
Chicago Miniature Lamp,...
CM1459 CML-CM1459 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
CM1228 CML-CM1228 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
CM1384 CML-CM1384 Datasheet
223Kb / 1P
   R-12 Single Contact Bayonet Base
CM1584 CML-CM1584 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com