Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1820 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM1820
Description  Bayonet Base, Screw Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM1820 Datasheet(HTML) 1 Page - Visual Communications Company

  CM1820 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-3 1/4 Miniature Bayonet Base
T-3 1/4 Miniature Screw Base
C M1487
C M1821
C M1832
C M1823
C M750
C M8-3994
130.0
55.0
48.0
37.5
28.0
14.0
.02
.05
.10
.05
.17
.20
.20
.72
3.2
.65
3.4
1.4
2000
7500
1000
3000
500
3000
C -5
C -13
C -2F
C -2F
C -2F
C -2V
S -2
S -2
C -2R
C -2R
C -2R
C -2R
C -2V
500
1000
3000
3000
3000
3000
200
.07
.04
.50
.50
.50
.90
1.5
.06
.06
.50
.35
.15
.25
.15
1.35
2.00
2.50
3.20
6.30
6.30
14.0
C M1481
C M46
C M40
C M42
C M41
C M48
C M1800
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX .
.406
MAX .
1.19
MAX .
.406
MAX .
1.19
C -5
2,000
.20
.02
130.0
C M8-3995
C M1829
C M1843
C M1864
C M1873
C M1822
C M1828
C M1835
55.0
37.5
36.0
28.0
28.0
28.0
28.0
.05
.05
.10
.20
.17
.02
.07
1.1
.65
2.1
3.0
3.0
.20
1.0
5,000
3,000
1,000
7,000
1,500
3,000
1,000
C -5
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2V
C -2F
C -2V
C -2F
C -2F
C -2F
C -2F
250
20
250
500
7,500
2,500
1,000
1.8
.90
3.3
3.5
.62
.34
1.6
.15
.06
.17
.17
.08
.04
.10
18.0
24.0
24.0
28.0
28.0
28.0
28.0
C M1820
C M1819
C M757
C M313
C M1818
C M1437
C M1826
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
C M949
130.0
.022
.40
2,000
2CC -2F


Similar Part No. - CM1820

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1820 CML-CM1820 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
More results

Similar Description - CM1820

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
   Bayonet Base, Screw Base
CM1228 VCC-CM1228 Datasheet
33Kb / 1P
   Contact Bayonet Base
CM1183 VCC-CM1183 Datasheet
32Kb / 1P
   Contact Bayonet Base
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
CM1384 VCC-CM1384 Datasheet
28Kb / 1P
    Contact Bayonet Base
CM1317 VCC-CM1317 Datasheet
26Kb / 1P
   Single Bayonet Base
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
CM210 VCC-CM210 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
CM1459 VCC-CM1459 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
Schneider Electric
6508805203 SCHNEIDER-6508805203 Datasheet
176Kb / 2P
   GREEN LED, 6V BAYONET BASE
Jan 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com