Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2233 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM2233
Description  Single Contact Bayonet Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM2233 Datasheet(HTML) 1 Page - Visual Communications Company

  CM2233 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
S-8 Single Contact Bayonet Base
C -6
C -2R
C -2R
C -2R
C -6
C -2R *
1, 200
500
200
300
500
500
32.0
15.0
50.0
15.0
15.0
15.0
2.25
1.04
3.00
1.91
1.90
2.04
12.80
12.80
12.50
6.80
6.70
6.65
C M199
C M93
C M1295
C M87
C M1619
C M87L
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M1459
C M1651
C M1611
C M1613
C M1680
C M1129
C M1605
6.40
6.40
6.00
6.00
5.40
5.00
4.00
2.69
2.63
4.10
1.50
1.86
.60
.80
21.0
21.0
32.0
13.0
10.0
3.0
2.5
200
200
300
50
1, 000
20
300
C -2V
C -6
C -6
C -6
C -6
C -2R
C -2R
C -2R
C -6
1, 000
200
15.0
32.0
1.19
1.80
12.80
12.80
C M1093
C M1073
CC -81
2C -2R
2C -6
C -2V
C -2V
CC -6
2, 000
1, 000
500
1, 000
1, 000
400
18.0
15.0
32.0
21.0
15.0
32.0
.64
.61
1.02
.80
.61
.93
28.00
28.00
28.00
28.00
28.00
28.00
C M2232
C M1691
C M1683
C M1665
C M1591
C M1580
C M1095
C M305
C M307
C M315
C M705
C M1203
C M1563
28.00
28.00
28.00
28.00
28.00
28.00
14.00
.76
.71
.51
.90
.67
.51
.51
21.0
21.0
15.0
32.0
21.0
15.0
4.0
1, 000
400
900
300
300
300
5,000
CC -6
C -2V
CC -6
C -2V
C -2V
C -2V
C -6
CC -81
CC -81**
2, 000
2, 000
21.0
-
.77
.64
28.00
28.00
C M2233
C M2232S B
CC -81***
2, 000
-
.77
28.00
C MF 674
C -7A
CC -81**
200
2, 000
6.0
-
.17
.77
44.00
28.00
C M109
C MW674
*Long Life
**Si lver Bonnet
***Black Bonnet
1.040 MAX.
2.00 MAX.
C -6
C -6
C -6
CC -6
C -2R
C -6
C -2R
500
600
500
500
400
400
500
21.0
32.0
21.0
22.0
26.0
40.0
10.0
1.44
2.10
1.60
1.35
1.52
2.23
.71
12.80
12.80
12.80
12.80
12.80
12.80
13.00
C M91
C M2396
C M1777
C M1161
C M1159
C M1156
C M1141


Similar Part No. - CM2233

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM2233 CML-CM2233 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
More results

Similar Description - CM2233

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1228 VCC-CM1228 Datasheet
33Kb / 1P
   Contact Bayonet Base
CM1183 VCC-CM1183 Datasheet
32Kb / 1P
   Contact Bayonet Base
CM1384 VCC-CM1384 Datasheet
28Kb / 1P
    Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1459 CML-CM1459 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
CM1384 CML-CM1384 Datasheet
223Kb / 1P
   R-12 Single Contact Bayonet Base
CM1183 CML-CM1183 Datasheet
218Kb / 1P
   RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1584 VCC-CM1584 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
CM210 VCC-CM210 Datasheet
27Kb / 1P
   Double Contact Bayonet Base
logo
Dialight Corporation
586-4605-802 DIALIGHT-586-4605-802 Datasheet
88Kb / 1P
   LED Replacement Lamps Single Contact Bayonet Base
logo
Visual Communications C...
CM1317 VCC-CM1317 Datasheet
26Kb / 1P
   Single Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com