Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8441AA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SI8441AA
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8441AA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI8441AA Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8441AA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Si8440/41/42/45
6
Rev. 1.6
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8440Bx, Si8445Bx
VDD1
VDD2
3.6
4.0
5.4
5.6
mA
Si8441Bx
VDD1
VDD2
3.7
4.1
5.5
5.7
mA
Si8442Bx
VDD1
VDD2
4.2
4.2
5.9
5.9
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8440Bx, Si8445Bx
VDD1
VDD2
3.8
19.4
5.7
24.3
mA
Si8441Bx
VDD1
VDD2
8.0
15.8
10
19.8
mA
Si8442Bx
VDD1
VDD2
11.8
11.8
14.8
14.8
mA
Timing Characteristics
Si844xAx
Maximum Data Rate
0
1.0
Mbps
Minimum Pulse Width
250
ns
Propagation Delay
tPHL, tPLH
See Figure 2
35
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
25
ns
Propagation Delay Skew2
tPSK(P-P)
——
40
ns
Channel-Channel Skew
tPSK
——
35
ns
Table 3. Electrical Characteristics (Continued)
(VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA = –40 to 125 °C; applies to narrow and wide-body SOIC packages)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. See "3. Errata and Design Migration Guidelines" on page 25 for more details.
4. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8441AA

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441AA-D-IS1 SILABS-SI8441AA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8441AA

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com