Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8445 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI8445
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI8445 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI8445 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8445 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev. 1.6 9/13
Copyright © 2013 by Silicon Laboratories
Si8440/41/42/45
Si8440/41/42/45
L OW-P OWER Q UAD-C HANNEL D IGITAL I SOLATOR
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of ultra-low-power digital isolators are CMOS
devices offering substantial data rate, propagation delay, power, size,
reliability, and external BOM advantages when compared to legacy
isolation technologies. The operating parameters of these products
remain stable across wide temperature ranges throughout their
service life. For ease of design, only VDD bypass capacitors are
required.
Data rates up to 150 Mbps are supported, and all devices achieve
worst-case propagation delays of less than 10 ns. All products are
safety certified by UL, CSA, and VDE and support withstand voltages
of up to 2.5 kVrms. These devices are available in 16-pin wide- and
narrow-body SOIC packages.
High-speed operation

DC to 150 Mbps
No start-up initialization required
Wide Operating Supply Voltage:
2.70–5.5 V
Wide Operating Supply Voltage:
2.70–5.5V
Ultra low power (typical)
5 V Operation:

< 1.6 mA per channel at 1 Mbps

< 6 mA per channel at 100 Mbps
2.70 V Operation:

< 1.4 mA per channel at 1 Mbps

< 4 mA per channel at 100 Mbps
High electromagnetic immunity
Up to 2500 VRMS isolation
60-year life at rated working
voltage
Precise timing (typical)

<10 ns worst case

1.5 ns pulse width distortion

0.5 ns channel-channel skew

2 ns propagation delay skew

6 ns minimum pulse width
Transient Immunity 25 kV/µs
AEC-Q100 qualified
Wide temperature range

–40 to 125 °C at 150 Mbps
RoHS-compliant packages

SOIC-16 wide body

SOIC-16 narrow body
Industrial automation systems
Hybrid electric vehicles
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power inverters
Communications systems
UL 1577 recognized

Up to 2500 VRMS for 1 minute
CSA component notice 5A
approval

IEC 60950-1, 61010-1
(reinforced
insulation)
VDE certification conformity

IEC 60747-5-2
(VDE0884 Part 2)
Ordering Information:
See page 27.


Similar Part No. - SI8445

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si8445 SILICONIMAGE-Si8445 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8445 SILABS-SI8445 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8445BA-D-IS1 SILABS-SI8445BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8445BB-D-IS SILABS-SI8445BB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8445BB-D-IS1 SILABS-SI8445BB-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8445

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com