Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V36SE05010NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # V36SE05010NRFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE05010NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  V36SE05010NRFA_14 Datasheet HTML 1Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 2Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 3Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 4Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 5Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 6Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 7Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 8Page - Delta Electronics, Inc. V36SE05010NRFA_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
V36SE05010_10252013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
Note1: For applications with higher output capacitive load, please contact Delta
PARAMETER
NOTES and CONDITIONS
V36SE05010(Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Vdc
Continuous
80
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to figure 19 for measuring point
-40
119
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
18
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
16
17
18
Vdc
Turn-Off Voltage Threshold
15
16
17
Vdc
Lockout Hysteresis Voltage
0.5
1
1.8
Vdc
Maximum Input Current
100% Load, 18Vin
3.9
A
No-Load Input Current
40
mA
Off Converter Input Current
8
mA
Inrush Current (I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
10
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
4.95
5.00
5.05
Vdc
Output Voltage Regulation
Over Load
Io=Io, min to Io, max
±3
±10
mV
Over Line
Vin=36V to 75V
±3
±10
mV
Over Temperature
Tc=-40°C to 85°C
±50
mV
Total Output Voltage Range
Over sample load, line and temperature
4.85
5.00
5.15
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 100µF tantalum
60
mV
RMS
Full Load, 1µF ceramic, 100µF tantalum
10
mV
Operating Output Current Range
Vin=18V-36V
0
8.0
A
Operating Output Current Range
Vin=36V-75V
0
10.0
A
Output Over Current Protection
Output Voltage 10% Low
110
140
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
25% Io.max to 50% Io.max
100
mV
Negative Step Change in Output Current
50% Io.max to 25% Io.max
100
mV
Settling Time (within 1% Vout nominal)
200
µs
Turn-On Transient
Start-Up Time, From On/Off Control
30
ms
Start-Up Time, From Input
30
ms
Maximum Output Capacitance (note1)
Full load; 5% overshoot of Vout at startup
5000
µF
EFFICIENCY
100% Load
Vin=48V
91.0
%
100% Load
Vin=24V
90.0
%
60% Load
Vin=48V
90.0
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
Isolation Capacitance
1000
pF
FEATURE CHARACTERISTICS
Switching Frequency
580
KHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off
0.8
V
Logic High (Module Off)
Von/off
2.4
18
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off
0.8
V
Logic High (Module On)
Von/off
2.4
18
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
Output Voltage Trim Range
Pout ≦ max rated power,Io ≦ Io.max
-20
10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power,Io ≦ Io.max
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
115
140
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C, airflow rate=300FLM
5.1
M hours
Weight
12.1
grams
Over-Temperature Shutdown
Refer to figure 19 for measuring point
129
°C


Similar Part No. - V36SE05010NRFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results

Similar Description - V36SE05010NRFA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE12004 DELTA-V36SE12004 Datasheet
442Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com