Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V36SE3R315NMFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # V36SE3R315NMFA
Description  Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V36SE3R315NMFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  V36SE3R315NMFA Datasheet HTML 1Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 2Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 3Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 4Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 5Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 6Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 7Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 8Page - Delta Electronics, Inc. V36SE3R315NMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
V36SE3R315_10252013
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at full rated load current (resistive
load) (10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div; Bottom
Trace: ON/OFF input, 2V/div
Figure 5: Turn-on transient at zero load current (10 ms/div).
Vin=48V. Top Trace: Vout: 1.0V/div, Bottom Trace: ON/OFF
input, 2V/div
Figure 6: Output voltage response to step-change in load
current (50%-25%-50% of Io, max; di/dt = 0.1A/µs; Vin is 24v).
Load cap: 10µF tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout (50mV/div, 200us/div), Bottom Trace: Iout
(5A/div). Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
Figure 7: Output voltage response to step-change in load
current (50%-25%-50% of Io, max; di/dt = 0.1A/µs; Vin is 48v).
Load cap: 10µF tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout (50mV/div, 200us/div), Bottom Trace: Iout
(5A/div). Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module.


Similar Part No. - V36SE3R315NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE3R315NMFA DELTA-V36SE3R315NMFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE3R315NMFA DELTA-V36SE3R315NMFA Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
More results

Similar Description - V36SE3R315NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
V36SE05010NRFA DELTA-V36SE05010NRFA Datasheet
457Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V36SE12004 DELTA-V36SE12004 Datasheet
442Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, up to 50W
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SC12007NMFB DELTA-V48SC12007NMFB_14 Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com