Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27CH8T Datasheet(PDF) 5 Page - Littelfuse

Part # V27CH8T
Description  CH Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27CH8T Datasheet(HTML) 5 Page - Littelfuse

  V27CH8T Datasheet HTML 1Page - Littelfuse V27CH8T Datasheet HTML 2Page - Littelfuse V27CH8T Datasheet HTML 3Page - Littelfuse V27CH8T Datasheet HTML 4Page - Littelfuse V27CH8T Datasheet HTML 5Page - Littelfuse V27CH8T Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 30, 2010
CH Varistor Series
Surface Mount Varistors > CH Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/CH.html for current information.
Dimensions
NOTE 1
C
A
B
E
L
W
D
Symbol
Inches
Millimeters
Min
Max
Min
Max
A
0.402
10.210
B
0.216
5.500
C
0.087
2.210
D
-
0.080
-
2.03
E
0.016
0.050
0.41
1.27
L
0.311
0.335
7.90
8.51
W
0.185
0.207
4.70
5.26
PAD LAYOUT DIMENSIONS
CHIP LAYOUT DIMENSIONS
Part Numbering System
V 220 CH 8
RELATIVE SIZE INDICATOR
LITTELFUSE VARISTOR
SERIES DESIGNATOR
NOMINAL VARISTOR
VOLTAGE
PACKAGING OPTIONS
No Letter: Standard 13 Inch Reel
T: 7 Inch Reel
S: Bulk Pack
X
NOTE: Avoid metal runs in this area. Soldering recommendations: Material - 62/36/2 Sn/Pb/
Ag or equivalent.Temperature – 230ºC Max., 5s. Max. Flux - R.M.A.


Similar Part No. - V27CH8T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27CH8 LITTELFUSE-V27CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
V27CH8 LITTELFUSE-V27CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors
V27CH8 LITTELFUSE-V27CH8 Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V27CH8 LITTELFUSE-V27CH8 Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
More results

Similar Description - V27CH8T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V360CH8T LITTELFUSE-V360CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V120CH8T LITTELFUSE-V120CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V22CH8T LITTELFUSE-V22CH8T Datasheet
850Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V39CH8T LITTELFUSE-V39CH8T Datasheet
633Kb / 6P
   Varistor Products Surface Mount Varistors > CH Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com