Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF1206F1.50TM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AF1206F1.50TM
Description  1206 Fast Acting Surface Mount Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF1206F1.50TM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AF1206F1.50TM Datasheet HTML 1Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 2Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 3Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 4Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 5Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 6Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 7Page - List of Unclassifed Manufacturers AF1206F1.50TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. Jan. 14
Website: www.aemchina.com & www.aemcomponents.com
AirMatrixTM 1206 Fast Acting Surface Mount Fuses
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
10
Time (s)
Average I2t vs. t Curves
15.0A
12.0A
10.0A
8.00A
7.00A
6.30A
5.00A
4.00A
3.50A
3.15A
3.00A
2.50A
2.00A
1.60A
1.50A


Similar Part No. - AF1206F1.50TM

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF1206FK-07100R YAGEO-AF1206FK-07100R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF1206FK-0710R YAGEO-AF1206FK-0710R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF1206FK-071K YAGEO-AF1206FK-071K Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF1206FK-071M YAGEO-AF1206FK-071M Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF1206FK-071R YAGEO-AF1206FK-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF1206F1.50TM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
F1206HA10V024T ETC2-F1206HA10V024T Datasheet
95Kb / 4P
   1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB10V024T ETC2-F1206HB10V024T Datasheet
73Kb / 3P
   1206 High Current Rating Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com