Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF2-10.0V125TM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AF2-10.0V125TM
Description  2410 Fast Acting Surface Mount Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF2-10.0V125TM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AF2-10.0V125TM Datasheet HTML 1Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 2Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2-10.0V125TM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. Dec. 11
35
Website: www.aemchina.com & www.aemcomponents.com
AirMatrixTM 2410 Fast Acting Surface Mount Fuses
Features:
Fast acting at 200% overload current level
Excellent inrush current withstanding capability
Fiberglass enforced epoxy fuse body
Copper or copper alloy composite fuse link
Copper termination with nickel and tin plating
Halogen free, RoHS compliant and 100% lead-free
Operating temperature range: -55°C to +125°C (with de-rating)
Shape and Dimensions:
Recommended Land Pattern:
Clearing Time Characteristics:
Patents: Pending
% of Current Rating
Clearing Time at 25°C
100%
4 hours min.
200%(0.50~10.0 A)
0.01 seconds min.
5 seconds max.
200%(12.0~20.0 A)
0.01 seconds min.
20 seconds max.
Agency Approval:
Recognized Under the Components Program of Underwriters
Laboratories. File Number: E232989
PSE Certificate No: NBK180711-JP13710
TUV File Number: 50209083
CQC No.: CQC11012065955
Typical Applications:
0.098 ±0.006
(2.49 ±0.15)
0.240 ±0.006
(6.10 ±0.15)
0.053 ±0.015
(1.35 ±0.38)
0.085 ±0.008
(2.16 ±0.20)
0.338
(8.60)
0.118
(3.00)
0.124
(3.15)
Inch (mm)
Power Supply, e.g. DC/DC converters, DC/AC inverters, Backlight
drivers , etc.
Consumer Electronics, e.g. LCD TVs, PDP, DVDs, PCM , etc.
Communication Technology, e.g. Telecom systems, Networking,
Modems, Routers, Changers, Base stations , etc.
Office Automation Electronics
IT Products, e.g. LCD monitors, Notebooks, PC servers, etc.


Similar Part No. - AF2-10.0V125TM

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF2 ALTECH-AF2 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF20 ETC2-AF20 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
AF20-Q4A QUECTEL-AF20-Q4A Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
List of Unclassifed Man...
AF2000 ETC1-AF2000 Datasheet
294Kb / 1P
   AF1000 TO 6000
More results

Similar Description - AF2-10.0V125TM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
List of Unclassifed Man...
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
   0402 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com