Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS1AA682BA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOS1AA682BA
Description  Large Can Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1AA682BA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOS1AA682BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1AA682BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1AA682BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1AA682BA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High ripple current capability
20mm lengths for low profile applications
2 and 3 pin versions available
Part Number System
Series
Capacitance
Code
ECOS
ECEC
ECE3
TS-HA Standard Ratings (part numbers shown with 2 pins, 6.3mm length terminal, and top vinyl plate)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
4700
22 x 25
0.85
0.98
0.159
0.135
ECOS1AA472BA
10000
35 x 20
2.40
2.76
0.071
0.057
ECOS1CA103EL
6800
22 x 25
1.30
1.50
0.110
0.093
ECOS1AA682BA
12000
22 x 35
2.90
3.34
0.055
0.044
ECOS1CA123BA
10000
22 x 25
1.80
2.07
0.075
0.063
ECOS1AA103BA
25 x 30
2.90
3.34
0.055
0.044
ECOS1CA123CA
12000
22 x 30
2.20
2.53
0.062
0.053
ECOS1AA123BA
30 x 25
2.90
3.34
0.055
0.044
ECOS1CA123DA
15000
22 x 35
2.30
2.65
0.053
0.045
ECOS1AA153BA
15000
22 x 40
3.20
3.68
0.046
0.037
ECOS1CA153BA
25 x 25
2.30
2.65
0.053
0.045
ECOS1AA153CA
25 x 35
3.20
3.68
0.046
0.037
ECOS1CA153CA
18000
22 x 40
2.40
2.76
0.044
0.038
ECOS1AA183BA
30 x 30
3.20
3.68
0.046
0.037
ECOS1CA153DA
25 x 30
2.40
2.76
0.044
0.038
ECOS1AA183CA
18000
22 x 45
3.50
4.03
0.040
0.034
ECOS1CA183BA
22000
22 x 45
2.60
2.99
0.038
0.032
ECOS1AA223BA
25 x 40
3.50
4.03
0.040
0.034
ECOS1CA183CA
25 x 35
2.60
2.99
0.038
0.032
ECOS1AA223CA
30 x 30
3.50
4.03
0.040
0.034
ECOS1CA183DA
30 x 25
2.60
2.99
0.038
0.032
ECOS1AA223DA
35 x 25
3.50
4.03
0.040
0.034
ECOS1CA183EA
27000
22 x 50
3.10
3.57
0.033
0.028
ECOS1AA273BA
22000
25 x 45
3.80
4.37
0.033
0.028
ECOS1CA223CA
25 x 40
3.10
3.57
0.033
0.028
ECOS1AA273CA
30 x 35
3.80
4.37
0.033
0.028
ECOS1CA223DA
30 x 30
3.10
3.57
0.033
0.028
ECOS1AA273DA
35 x 30
3.80
4.37
0.033
0.028
ECOS1CA223EA
35 x 25
3.10
3.57
0.033
0.028
ECOS1AA273EA
27000
25 x 50
4.20
4.83
0.028
0.025
ECOS1CA273CA
33000
25 x 45
3.40
3.91
0.027
0.023
ECOS1AA333CA
30 x 40
4.20
4.83
0.028
0.025
ECOS1CA273DA
30 x 35
3.40
3.91
0.027
0.023
ECOS1AA333DA
35 x 30
4.20
4.83
0.028
0.025
ECOS1CA273EA
35 x 30
3.40
3.91
0.027
0.023
ECOS1AA333EA
33000
30 x 45
4.70
5.41
0.023
0.020
ECOS1CA333DA
39000
25 x 50
3.70
4.26
0.025
0.021
ECOS1AA393CA
35 x 35
4.70
5.41
0.023
0.020
ECOS1CA333EA
30 x 40
3.70
4.26
0.025
0.021
ECOS1AA393DA
39000
30 x 50
5.10
5.87
0.022
0.020
ECOS1CA393DA
35 x 30
3.70
4.26
0.025
0.021
ECOS1AA393EA
35 x 40
5.10
5.87
0.022
0.020
ECOS1CA393EA
47000
30 x 45
4.20
4.83
0.023
0.020
ECOS1AA473DA
47000
35 x 45
5.50
6.33
0.020
0.018
ECOS1CA473EA
35 x 35
4.20
4.83
0.023
0.020
ECOS1AA473EA
56000
35 x 50
6.00
6.90
0.019
0.017
ECOS1CA563EA
56000
30 x 50
5.00
5.75
0.022
0.019
ECOS1AA563DA
35 x 40
5.00
5.75
0.022
0.021
ECOS1AA563EA
2200
22 x 20
1.30
1.50
0.241
0.181
ECOS1EA222BL
68000
35 x 50
5.50
6.33
0.021
0.020
ECOS1AA683EA
22 x 25
1.30
1.50
0.241
0.181
ECOS1EA222BA
3300
22 x 25
1.62
1.86
0.161
0.121
ECOS1EA332BA
3300
22 x 20
1.30
1.50
0.216
0.173
ECOS1CA332BL
25 x 20
1.60
1.84
0.161
0.121
ECOS1EA332CL
22 x 25
1.30
1.50
0.176
0.141
ECOS1CA332BA
4700
22 x 25
2.00
2.30
0.106
0.079
ECOS1EA472BA
4700
22 x 25
1.52
1.75
0.123
0.099
ECOS1CA472BA
30 x 20
1.80
2.07
0.113
0.085
ECOS1EA472DL
25 x 20
1.60
1.84
0.152
0.121
ECOS1CA472CL
5600
22 x 30
2.20
2.53
0.089
0.067
ECOS1EA562BA
6800
22 x 25
2.20
2.53
0.085
0.068
ECOS1CA682BA
6800
22 x 30
2.40
2.76
0.073
0.055
ECOS1EA682BA
30 x 20
1.80
2.07
0.105
0.084
ECOS1CA682DL
25 x 25
2.40
2.76
0.073
0.055
ECOS1EA682CA
8200
22 x 30
2.40
2.76
0.071
0.057
ECOS1CA822BA
35 x 20
2.30
2.65
0.080
0.060
ECOS1EA682EL
10000
22 x 30
2.60
2.99
0.066
0.053
ECOS1CA103BA
8200
22 x 35
2.70
3.11
0.061
0.045
ECOS1EA822BA
25 x 25
2.60
2.99
0.066
0.053
ECOS1CA103CA
25 x 30
2.70
3.11
0.061
0.045
ECOS1EA822CA
Nominal Capacitance:
68 ~ 82000µF (±20% tolerance)
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Size (mm)
Voltage
Code
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Leakage Current:
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Ripple Current Multipliers:
D x L
Max 105°C R.C. (Arms)
Size (mm)
TS-HA Series
105°C, 3000 hours*
Rated Working Voltage:
10 ~ 250 VDC
385 ~ 450 VDC
Operating Temperature:
-40 ~ +105°C
-25 ~ +105°C
*2000 hours for 20mm length sizes
Dissipation Factor:
(120 Hz, +20°C)
33 ~ 470µF (±20% tolerance)
Endurance:
3000 hours at +105°C with maximum specified ripple current (see page 6)
16 VDC Working, 20 VDC Surge (continued)
16 VDC Working, 20 VDC Surge
Common Code / Terminal Type
25 VDC Working, 32 VDC Surge
2 pin, 6.3mm Length Terminal (Standard)
2 pin, 4.0mm Length "Short" Terminal
3 Pin, 4.0mm Length Terminal
(Please see page 10 for details)
20°C ESR (
Ω, max.)
10 VDC Working, 13 VDC Surge
D x L
Working Voltage [V]:
Max. D.F. (%):
16
45
25
35
35
30
50
25
63
20
80
17
100 - 450
15
(rated cap. [µF] - 33000)
1000
For capacitance values > 33000µF, add the value of:
E
C
A
D
B
C
E
22mm
25mm
30mm
35mm
B
PVC without top plate
25 ~ 50mm lengths
A
PVC with top plate
20mm length
L
G
PVC with top plate
PVC without top plate
10
55
Frequency(Hz):
10~100WV:
50
160~450WV:
60
100~120
500
1k
10k~
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ripple Current Ambient Temperature Factors**
≤45°C
2.35
60°C
70°C
85°C
Ambient Temperature:
Multiplier:
1.0
2.0
2.2
1.05
105°C
1.7
Case Diameter
Insulation Options
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - ECOS1AA682BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1AA682BA PANASONIC-ECOS1AA682BA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
ECOS1AA682BA PANASONIC-ECOS1AA682BA Datasheet
243Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - ECOS1AA682BA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com