Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846B Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC846B
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC846B Datasheet(HTML) 1 Page - Continental Device India Limited

  BC846B Datasheet HTML 1Page - Continental Device India Limited BC846B Datasheet HTML 2Page - Continental Device India Limited BC846B Datasheet HTML 3Page - Continental Device India Limited BC846B Datasheet HTML 4Page - Continental Device India Limited BC846B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC846, BC847, BC848
SOT-23
Formed SMD Package
Marking
BC846 =1D
BC846A=1A
BC846B=1B
BC847 =1H
BC847A=1E
BC847B=1F
BC847C=1G
BC848 =1M
BC848A=1J
BC848B=1K
BC848C=1L
For use in Driver Stages of Audio Amplifier in Thick and Thin-film Hybrid Circuits
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC846
BC847
BC848
UNITS
Collector Base Voltage
VCBO
80
50
30
V
Collector Emitter Voltage (VBE=0V)
VCES
80
50
30
V
Collector Emitter Voltage
VCEO
65
45
30
V
Emitter Base Voltage
VEBO
6
6
5
V
Collector Current (DC)
IC
100
mA
Collector Current - Peak
ICM
200
Emitter Current - Peak
- IEM
200
mA
Base Current - Peak
IBM
200
mA
Power Dissipation upto Tamb=25ºC
Ptot*
250
mW
Storage Temperature
Tstg
- 55 to +150
ºC
Junction Temperature
Tj
150
ºC
THERMAL RESISTANCE
From junction to ambient
Rth(j-a) *
500
K/W
**Mounted on a ceramic substrate of 8mm x 10 mm x 0.7mm
BC846_848Rev_2 170407E
For Lead Free Parts, Device Part #
will be Prefixed with "T"
PIN CONFIGURATION (NPN)
1 = BASE
2 = EMITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC846B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC846B ONSEMI-BC846B Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Yea Shin Technology Co....
BC846B YEASHIN-BC846B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
FutureWafer Tech Co.,Lt...
BC846B FUTUREWAFER-BC846B Datasheet
1Mb / 13P
   NPN Silicon Epitaxial General Purpose Transistors
logo
Weitron Technology
BC846B WEITRON-BC846B Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
BC846B SECOS-BC846B Datasheet
307Kb / 3P
   BC846A
More results

Similar Description - BC846B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com