Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSR-7110 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7110
Description  90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-7110 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSSR-7110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 2. Maximum Average Output Current Rat-
ing vs. Ambient Temperature.
Figure 3. Single Shot (non-repetitive) Output
Current vs. Pulse Duration.
Figure 4. Output Power Rating vs. Ambient
Temperature.
Figure 6. Normalized Typical Output Resistance
vs. Temperature.
Figure 5. Normalized Typical Output Withstand
Voltage vs. Temperature.
Figure 7. Typical On State Output I-V Character-
istics.
Figure 9. Typical Input Forward Current vs. Input
Forward Voltage.
Figure 8. Typical Output Leakage Current vs.
Temperature.
0
-55
T A - AMBIENT TEMPERATURE - ˚C
1.0
0.4
155
125
95
65
5
-25
0.6
0.8
0.2
35
CONNECTION - A
IF 10 mA
CA = 40˚ C/W
CA = 80˚ C/W
3
1000
PULSE DURATION - ms
8
5
400
200
6
7
4
9
10
11
12
600
800
IF 10 mA
CONNECTION-A
CONNECTION-B
10
0
-55
T A - AMBIENT TEMPERATURE - ˚C
1.0
0.4
155
125
95
65
5
-25
0.6
0.8
0.2
35
CONNECTION - A
IF 10 mA
CA = 40˚ C/W
CA = 80˚ C/W
V F = 0.6 V
IO = 10 μA
-55
T A - AMBIENT TEMPERATURE - ˚C
125
95
65
5
-25
0.92
35
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-55
T A - AMBIENT TEMPERATURE - ˚C
125
95
65
5
-25
0.6
35
0.8
1.0
1.2
1.4
1.6
1.8
CONNECTION - A
IF 10 mA
IO = 800 mA
(PULSE DURATION 30 ms)
V O - OUTPUT VOLTAGE - V
-0.6
0.6
0.4
0.2
-0.2
-0.4
-0.4
0
-0.2
0
0.2
0.4
0.6
0.8
-0.8
-0.6
CONNECTION - A
IO 10 mA
IO (PULSE DURATION
30 ms)
T A = 25˚C
T A = 125˚C
T A = -55˚C
-11
10
-7
10
-8
10
-9
10
-10
10
T A - TEMPERATURE - ˚C
125
95
65
20
35
CONNECTION A
V F = 0.6 V
V O = 90 V
T A = 25˚C
T A = 125˚C
T A = -55˚C
V F - INPUT FORWARD VOLTAGE - V
0.6
1.6
1.4
1.2
0.8
0.4
1.0
-1
10
-2
10
-4
10
-3
10
-5
10
-6
10


Similar Part No. - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7110 HP-HSSR-7110 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com