Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSSR-7111 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7111
Description  90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-7111 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSSR-7111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Typical Characteristics
All typical values are at TA = 25°C, IF(ON) = 10 mA, VF(OFF) = 0.6 V unless otherwise specified.
Notes:
1. Maximum junction to case thermal resistance for the device is 15°C/W, where case temperature, TC, is measured at the center of the package
bottom.
2. For rating, see Figure 4. The output power PO rating curve is obtained when the part is handling the maximum average output current IO as
shown in Figure 2.
3. During the pulsed RON measurement (IO duration <30 ms), ambient (TA) and case temperature (TC) are equal.
4. Device considered a two terminal device: pins 1 through 4 shorted together and pins 5 through 8 shorted together.
5. This is a momentary withstand test, not an operating condition.
6. For a faster turn-on time, the optional peaking circuit shown in Figure 1 may be implemented.
7. VOS is a function of IF, and is defined between pins 5 and 8, with pin 5 as the reference. VOS must be measured in a stable ambient (free of tem-
perature gradients).
8. Zero-bias capacitance measured between the LED anode and cathode.
9. Standard parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD, Class H and Class E parts receive 100% testing at 25°C, 125°C and -55°C
(Subgroups 1 and 9, 2 and 10, 3 and 11 respectively).
10. Applies to HSSR-7112 and 5962-9314002Hxx devices only.
11. Applies to HSSR-7110, HSSR-7111, HSSR-711E, 5962-9314001Hxx and 5962-9314001Exx devices only.
Parameter
SymbolTest Conditions
Typ.
Units
Fig.
Notes
Output Off-Capacitance
CO(OFF)
VO = 28 V, f = 1 MHz
145
pF
16
Output Offset Voltage
|VOS|IF = 10 mA, IO = 0 mA
2
V19
7
Input Diode Temperature Coefficient
VF/ TA
IF = 10 mA
-1.4
mV/°C
Input Capacitance
CIN
VF = 0 V, f = 1MHz
20
pF
8
Input-Output Capacitance
CI-O
VI-O = 0 V, f = 1 MHz
1.5
pF
4
Input-Output Resistance
RI-O
VI-O = 500 V, t = 60 s1013
4
Turn On Time With Peaking
tON
IFPK = 100 mA, IFSS = 10 mA
VDD = 28 V, IO = 800 mA
0.22
ms
1
6
R1 = REQUIRED CURRENT LIMITING RESISTOR
FOR IF (ON) = 10 mA.
R2 = PULL-UP RESISTOR FOR VF (OFF) < 600 mV;
IF (VCC-VOH ) < 600 mV, OMIT R2.
R3, C = OPTIONAL PEAKING CIRCUIT.
TYPICAL VALUES
R3
(Ω)
IF (PK)
(mA)
HSSR-7110
tON (ms)
-
330
100
33
10 (NO PK)
20
40
100
2.0
1.0
0.48
0.22
* USE SECOND GATE IF IF (PK) > 50 mA
REMINDER: TIE ALL UNUSED INPUTS TO GROUND OR VCC
IN
1/4 54ACTOO*
1/4 54ACTOO
VCC (+5V)
R2
1200 Ω
R1
330 Ω
R3
C
15 μF
HSSR-7110
2
3
4
1
6
7
5
8
-
IF
V F
+
Figure 1. Recommended Input Circuit.


Similar Part No. - HSSR-7111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7111 HP-HSSR-7111 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7111 BOARDCOM-HSSR-7111 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com