Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1223 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM1223
Description  Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM1223 Datasheet(HTML) 1 Page - Visual Communications Company

  CM1223 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
G-6 1/2 Contact Bayonet Base
G-6 1/2 Double Contact Bayonet Base
C -2V
2C -2V
200
2,000
3.8
3.0
.16
.23
32.0
28.0
C M1223
C M1251
C M1155
C M631
C M1247
C M71
C M509
C M303
C M623
28.0
28.0
24.0
22.0
14.0
14.0
13.5
.37
.30
.18
.18
.43
.63
.59
6.0
6.0
2.6
3.0
3.0
6.0
4.0
1,000
500
1,000
200
1,000
1,000
5,000
2C -2V
C -2F
C -2V
C -2V
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2V
C -2R
C -2F
C -2V
500
1,000
750
800
5,000
5,000
5,000
6.0
3.0
6.0
6.0
4.0
4.0
4.0
1.02
.63
.58
.62
.59
.59
.69
6.5
7.0
13.0
13.0
13.5
13.5
13.5
C M97
C M69
C M67
C M98
C M89
C M63
C M81
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
1.44 MAX.
MAX.
.750
C -2F
200
3.8
.16
32.0
C M1224
C M96
C M1178
C M632
C M72
C M304
C M624
C M1252
28.0
28.0
28.0
22.0
14.0
13.5
13.5
.23
.37
.30
.18
.63
.69
.69
3.0
6.0
6.0
3.0
6.0
4.0
4.0
2,000
1,000
500
200
1,000
5,000
5,000
2C -2V
2C -2V
C -2F
C -2V
2C -2R
C -2V
C -2V
C -2R
C -2R
C -2R
C -2R
C -2R
C -2V
C -2R
500
1,200
500
1,000
750
800
5,000
6.0
6.0
6.0
3.0
6.0
6.0
4.0
1.02
1.15
1.02
.63
.58
.62
.59
6.5
6.5
6.5
7.0
13.0
13.0
13.5
C M68
C M99
C M90
C M64
C M1314
C M83
C M82
T ype
F ilament
Hours
L ife
MS C P
A mps
V oltage
Des ign
Number
P art
MAX.
.750
1.44 MAX.


Similar Part No. - CM1223

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
List of Unclassifed Man...
CM1223 ETC2-CM1223 Datasheet
346Kb / 1P
   12 X 2 LCD CHARACTER MODULE
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223 ONSEMI-CM1223 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
California Micro Device...
CM1223-02SO CALMIRCO-CM1223-02SO Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
More results

Similar Description - CM1223

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1826 VCC-CM1826 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
   Bayonet Base, Screw Base
G-3 VCC-G-3 Datasheet
32Kb / 1P
   Base
CM1855 VCC-CM1855 Datasheet
46Kb / 1P
   Base
G-4 VCC-G-4 Datasheet
27Kb / 1P
   Base
logo
PHOENIX CONTACT
2316393 PHOENIX-2316393 Datasheet
1Mb / 10P
   Base module - AXL P FBPS BASE
12/24/2021
logo
Visual Communications C...
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
   Midget Flange Base, Bi-Pin Base
CM6502 VCC-CM6502 Datasheet
44Kb / 1P
   Wedge Base
logo
Festo Corporation.
560979 FESTO-560979 Datasheet
71Kb / 1P
   Sub-base
8/1/22
561011 FESTO-561011 Datasheet
74Kb / 1P
   Sub-base
8/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com