Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7915AKDESC Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG7915AKDESC
Description  Negative Fixed Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG7915AKDESC Datasheet(HTML) 5 Page - Microsemi Corporation

  SG7915AKDESC Datasheet HTML 1Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 2Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 3Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 4Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 5Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 6Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 7Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 8Page - Microsemi Corporation SG7915AKDESC Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SG79xxA / SG79xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 1997
Rev. 1.6, 2010-07-16
Negative Fixed Voltage Regulator
TM
®
APPLICA T IONS
Figure 9 –
Fixed Output Regulator
Figure 10 –
Circuit for Increasing Output Voltage
Note: 1. C1 is required only if regulator is separated from
rectifier filter.
2. Both C1 and C2 should be low E.S.R. types such
as solid tantalum. If aluminum electrolytic
capacitors are used, at least 10 times values
shown should be selected.
3. If large output capacities are used, the regulators
must be protected from momentary input shorts. A
high current diode.
Note: C3 optional for improved transient response and ripple
rejection.
()
()
15mA
REG
V
R
R
R
R
REGULATOR
V
V
2
1
2
1
OUT
=
+
=
RECOMM ENDED OPERATING CONDITIONS
Parameter
SG79xx / 79xxA
Units
Min
Typ
Max
Operating Junction Temperature Range (Note 2)
-55
150
°C
Note 2: Range over which the device is functional.


Similar Part No. - SG7915AKDESC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG7915AK MICRO-ELECTRONICS-SG7915AK Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7915AK-DESC MICROSEMI-SG7915AK-DESC Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
logo
Micro Electronics
SG7915AK/883B MICRO-ELECTRONICS-SG7915AK/883B Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG7915AK/DESC MICRO-ELECTRONICS-SG7915AK/DESC Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7915AK/DESC MICROSEMI-SG7915AK/DESC Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG7915AKDESC

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com