Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG79XXIG883B Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG79XXIG883B
Description  Negative Fixed Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG79XXIG883B Datasheet(HTML) 8 Page - Microsemi Corporation

  SG79XXIG883B Datasheet HTML 1Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 2Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 3Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 4Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 5Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 6Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 7Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 8Page - Microsemi Corporation SG79XXIG883B Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SG79xxA / SG79xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 1997
Rev. 1.6, 2010-07-16
Negative Fixed Voltage Regulator
TM
®
ELECTRI CAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7915A / SG7915 with -55°C < TA <
125°C, VIN = -23V, IO = 500mA for the K, G, and IG – Power Packages, IO = 100mA for the T and L packages, CIN = 2µF, and COUT =
1µF. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.
Parameter
Test Conditions
SG7915A
SG7915
Units
Min
Typ
Max
Min
Typ
Max
Output Voltage
TJ = 25°C
-14.8
-15.0
-15.2
-14.4
-15.0
-15.6
V
Line Regulation (Note 1)
VIN = -17.5V to -30V, TJ = 25°C
5
75
11
150
mV
VIN = -20V to -25V, TJ = 25°C
3
40
3
75
mV
Load Regulation (Note 1)
Power Pkgs: IO = 5mA to 1.5A, TJ = 25°C
30
100
12
150
mV
IO = 250mA to 750mA, TJ = 25°C
4
50
4
75
mV
T – Pkg: IO = 5mA to 500mA, TJ = 25°C
10
50
10
240
Total Output Voltage
VIN = -18.5V to -30V
Tolerance
Power Pkgs: IO = 5mA to 1.0A, P < 20W
-14.6
-15.0
-15.4
-14.25
-15.00
-15.75
V
T – Pkg: IO = 5mA to 500mA, P < 2W
-14.6
-15.0
-15.4
-14.25
-15.00
-15.75
V
Quiescent Current
Over Temperature Range
4
4
mA
TJ = 25°C
3
3
mA
Quiescent Current Change
With Line: VIN = -18.5V to -30V
1.0
1.0
mA
With Load: IO = 5mA to 1.0A (Power Pkgs)
0.5
0.5
mA
IO = 5mA to 500mA (T)
0.5
0.5
mA
Dropout Voltage
∆VO = 100mV, TJ = 25°C
Power Pkgs: IO = 1.0A, T – Pkg: IO = 500mA
1.1
2.3
1.1
2.3
V
Peak Output Current
Power Pkgs: TJ = 25°C
1.5
3.3
1.5
3.3
A
T – Pkg: TJ = 25°C
0.5
1.4
0.5
1.4
A
Short Circuit Current
Power Pkgs: VIN = -35V, TJ = 25°C
1.2
1.2
A
T – Pkg: VIN = -35V, TJ = 25°C
0.6
0.6
A
Ripple Rejection
∆VIN = 10V, f = 120Hz, TJ = 25°C
54
54
dB
Output Noise Voltage (rms)
f = 10Hz to 100kHz (note 2)
25
80
25
80
µV/V
Long Term Stability
1000 hours @ TJ = 125°C
60
60
mV
Thermal Shutdown
IO = 5mA
175
175
Note
1: All regulation tests are made at constant junction temperature with low duty cycle testing.
2: This test is guaranteed but is not tested in production.
NOTES


Similar Part No. - SG79XXIG883B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG79XXIG MICRO-ELECTRONICS-SG79XXIG Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG79XXIG MICROSEMI-SG79XXIG Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79xxIG MICROSEMI-SG79xxIG Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG79XXIG MICROSEMI-SG79XXIG Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG79XXIG-883B MICROSEMI-SG79XXIG-883B Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG79XXIG883B

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com