Electronic Components Datasheet Search |
|
SG7915AGDESC Datasheet(PDF) 7 Page - Microsemi Corporation |
|
SG7915AGDESC Datasheet(HTML) 7 Page - Microsemi Corporation |
7 / 9 page SG79xxA / SG79xx PRODUCT DATASHEET Microsemi Analog Mixed Signal Group 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 7 Copyright © 1997 Rev. 1.6, 2010-07-16 Negative Fixed Voltage Regulator TM ® ELECTRI CAL CHARACTERISTICS Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG7912A / SG7912 with -55°C < TA < 125°C, VIN = -19V, IO = 500mA for the K, G, and IG – Power Packages, IO = 100mA for the T and L packages, CIN = 2µF, and COUT = 1µF. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature. Parameter Test Conditions SG7912A SG7912 Units Min Typ Max Min Typ Max Output Voltage TJ = 25°C -11.8 -12.0 -12.2 -11.5 -12.0 -12.5 V Line Regulation (Note 1) VIN = -14.5V to -30V, TJ = 25°C 4 60 10 120 mV VIN = -16V to -22V, TJ = 25°C 3 30 3 60 mV Load Regulation (Note 1) Power Pkgs: IO = 5mA to 1.5A, TJ = 25°C 20 90 12 120 mV IO = 250mA to 750mA, TJ = 25°C 10 40 10 60 mV T – Pkg: IO = 5mA to 500mA, TJ = 25°C 10 40 10 240 mV Total Output Voltage VIN = -14.5V to -27V Tolerance Power Pkgs: IO = 5mA to 1.0A, P < 20W -11.7 -12.0 -12.3 -11.4 -12.0 -12.6 V T – Pkg: IO = 5mA to 500mA, P < 2W -11.7 -12.0 -12.3 -11.4 -12.0 -12.6 V Quiescent Current Over Temperature Range 4 4 mA TJ = 25°C 3 3 mA Quiescent Current Change With Line: VIN = -14.5V to -30V 1.0 1.0 mA With Load: IO = 5mA to 1.0A (Power Pkgs.) 0.5 0.5 mA IO = 5mA to 500mA (T) 0.5 0.5 mA Dropout Voltage ∆VO = 100mV, TJ = 25°C Power Pkgs: IO = 1.0A, T – Pkg: IO = 500mA 1.1 2.3 1.1 2.3 V Peak Output Current Power Pkgs: TJ = 25°C 1.5 3.3 1.5 3.3 A T – Pkg: TJ = 25°C 0.5 1.4 0.5 1.4 A Short Circuit Current Power Pkgs: VIN = -35V, TJ = 25°C 1.2 0.2 A T – Pkg: VIN = -35V, TJ = 25°C 0.6 0.6 A Ripple Rejection ∆VIN = 10V, f = 120Hz, TJ = 25°C 54 54 dB Output Noise Voltage (rms) f = 10Hz to 100kHz (note 2) 25 80 25 80 µV/V Long Term Stability 1000 hours @ TJ = 125°C 60 60 mV Thermal Shutdown IO = 5mA 175 175 °C Note 1: All regulation tests are made at constant junction temperature with low duty cycle testing. 2: This test is guaranteed but is not tested in production. |
Similar Part No. - SG7915AGDESC |
|
Similar Description - SG7915AGDESC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |