Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM746 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # SM746
Description  RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SM746 Datasheet(HTML) 1 Page - Polyfet RF Devices

  SM746_14 Datasheet HTML 1Page - Polyfet RF Devices SM746_14 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13
Single Ended
AM
102.0
1.2
288.0
0.65 C/W
125
4.8
21.00
6.0
65
0.50
6.00
11.0
270
0.30
125
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.60
60.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.60
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.60
175
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
175
175
Common Source Input Capacitance
125
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS ( 175.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
50.0
A, Vds =
V, F =
A, Vds =
V, F =
50.0
50.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
175.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
50.0
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet"
process features
low feedback and output capacitances,
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
VDMOS
Vgs = 0V, F = 1 MHz
50.0
Vds =
Vgs = 0V, F = 1 MHz
50.0
Vds =
Vgs = 0V, F = 1 MHz
50.0
REVISION 07/17/2003
20
25 C )
WATTS OUTPUT )
200
polyfet rf devices
SM746
5:1


Similar Part No. - SM746_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
SM74611 TI-SM74611 Datasheet
709Kb / 11P
[Old version datasheet]   Smart Bypass Diode
SM74611KTTR TI-SM74611KTTR Datasheet
709Kb / 11P
[Old version datasheet]   Smart Bypass Diode
More results

Similar Description - SM746_14

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
SD703 POLYFET-SD703_14 Datasheet
62Kb / 2P
   RF POWER VDMOS TRANSISTOR
SM705 POLYFET-SM705_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP722 POLYFET-SP722 Datasheet
59Kb / 2P
   RF POWER VDMOS TRANSISTOR
SQ742 POLYFET-SQ742_14 Datasheet
41Kb / 2P
   RF POWER VDMOS TRANSISTOR
SR706 POLYFET-SR706_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
P124 POLYFET-P124_14 Datasheet
39Kb / 2P
   RF POWER VDMOS TRANSISTOR
SM401 POLYFET-SM401_14 Datasheet
64Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP721 POLYFET-SP721 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP741 POLYFET-SP741_14 Datasheet
39Kb / 2P
   RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U_14 Datasheet
62Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com