Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79M08BDTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC79M08BDTG
Description  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M08BDTG Datasheet(HTML) 4 Page - ON Semiconductor

  MC79M08BDTG Datasheet HTML 1Page - ON Semiconductor MC79M08BDTG Datasheet HTML 2Page - ON Semiconductor MC79M08BDTG Datasheet HTML 3Page - ON Semiconductor MC79M08BDTG Datasheet HTML 4Page - ON Semiconductor MC79M08BDTG Datasheet HTML 5Page - ON Semiconductor MC79M08BDTG Datasheet HTML 6Page - ON Semiconductor MC79M08BDTG Datasheet HTML 7Page - ON Semiconductor MC79M08BDTG Datasheet HTML 8Page - ON Semiconductor MC79M08BDTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC79M00 Series
http://onsemi.com
4
MC79M15B, C
ELECTRICAL CHARACTERISTICS (VI = −23 V, IO = 350 mA, Tlow to Thigh (Note 8), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
−14.4
−15
−15.6
Vdc
Line Regulation, TJ = 25°C (Note 7)
−17.5 Vdc ≥ VI ≥ −30 Vdc
−18 Vdc ≥ VI ≥ −28 Vdc
Regline
5.0
3.0
80
50
mV
Load Regulation, TJ = 25°C (Note 7)
5.0 mA ≤ IO ≤ 500 mA
Regload
30
240
mV
Output Voltage
−17.5 Vdc ≥ VI ≥ −30 Vdc, 5.0 mA ≤ IO ≤ 350 mA
VO
−14.25
−15.75
Vdc
Input Bias Current (TJ = 25°C)
IIB
4.4
8.0
mA
Input Bias Current Change
−17.5 Vdc ≥ VI ≥ −30 Vdc, IO = 350 mA
5.0 mA ≤ IO ≤ 350 mA, VI = −23 V
DIIB
0.4
0.4
mA
Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
Vn
90
mV
Ripple Rejection (f = 120 Hz)
RR
54
60
dB
Dropout Voltage
IO = 500 mA, TJ = 25°C
VI−VO
1.1
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C
DVO/DT
−1.0
mV/°C
7. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
8. B = Tlow to Thigh, −40°C < TJ < 125°C
C = Tlow to Thigh, 0°C < TJ < 125°C
Figure 1. DPAK−3 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
40
50
60
70
80
90
100
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
Minimum
Size Pad
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
L
0
0.4
0.8
1.2
1.6
2.0
2.4
PD(max) for TA = 50°C


Similar Part No. - MC79M08BDTG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79M08BDT MOTOROLA-MC79M08BDT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M08BDT ONSEMI-MC79M08BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M08BDT-1 MOTOROLA-MC79M08BDT-1 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M08BDTRK ONSEMI-MC79M08BDTRK Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08BDTRKG ONSEMI-MC79M08BDTRKG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Similar Description - MC79M08BDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com