Electronic Components Datasheet Search |
|
SL16020DCT Datasheet(PDF) 3 Page - Silicon Laboratories |
|
SL16020DCT Datasheet(HTML) 3 Page - Silicon Laboratories |
3 / 10 page Rev 2.2, August 1, 2010 Page 3 of 10 SL16020DC Table 2. Absolute Maximum Ratings Description Condition Min Max Unit Supply voltage, VDD -0.5 4.2 V All Inputs and Outputs -0.5 VDD+0.5 V Ambient Operating Temperature In operation, extended C grade -10 85 °C Storage Temperature No power is applied -65 150 °C Junction Temperature In operation, power is applied - 125 °C Soldering Temperature - 260 °C ESD Rating (Human Body Model) JEDEC22-A114D -4,000 4,000 V ESD Rating (Charge Device Model) JEDEC22-C101C -1,500 1,500 V ESD Rating (Machine Model) JEDEC22-A115D -200 200 V Table 3. DC Electrical Characteristics (C-Grade) Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -10 to +85Deg C Description Symbol Condition Min Typ Max Unit Operating Voltage VDD1/2 VDD1=VDD2=3.3V +/-10% 2.97 3.3 3.63 V Input Low Voltage VINL SSEL0 and SSEL1 0 - 0.2 V Input Middle Voltage VINM SSEL0 and SSEL1 0.4VDD - 0.6VDD Input High Voltage VINH SSEL0 and SSEL1 0.9VDD - VDD V Output Low Voltage VOL IOL=15mA, Pins 5 and 9 - - 0.4 V Output High Voltage VOH IOH=-15mA , Pins 5 and 9 VDD-0.4 - - V Power Supply Current IDD SSEL=1, M or 0, CL=15pF, VDD=3.63V and T=85°C - 14.5 20.0 mA Input Capacitance CIN1 XIN and XOUT, Pins 1 and 10 - 4 - pF Input Capacitance CIN2 SSEL0/1, Pins 7 and 3 - 3 5 pF Load Capacitance CL SSCLK and REFCLK, Pins 5 and 9 - - 15 pF Pull Down Resistor RPD Pins 3 and 7 100 150 250 kΩ |
Similar Part No. - SL16020DCT |
|
Similar Description - SL16020DCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |