Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWIKSTIK-K40 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # KWIKSTIK-K40
Description  KwikStik board assembly
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KWIKSTIK-K40 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button KWIKSTIK-K40 Datasheet HTML 4Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 5Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 6Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 7Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 8Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 9Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 10Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 11Page - Freescale Semiconductor, Inc KWIKSTIK-K40 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
KWIKSTIKK40UM
KwikStik-K40 User's Manual
Page 8 of 19
SPI, I
2C (w/ SMBUS support), UART (w/ ISO7816 and IrDA), CAN, I2S
SD Host Controller (SDHC)
GPIO with pin interrupt support, DMA request capability, digital glitch filtering
Capacitive touch sensing inputs (TSI)
LCD display driver supporting 3V and 5V glass, configurable frontplane and backplane pins, and
segment failure detection
Debug interfaces: JTAG, cJTAG, SWD
Trace: TPIO, FPB, DWT, ITM, ETM, ETB
2.2 Clocking
The Kinetis MCUs start up from an internal digitally controlled oscillator (DCO). Software can enable
one or two external oscillators if desired. The external oscillator for the Multipurpose Clock Generator
(MCG) module can range from 32.768 kHz up to a 32 MHz crystal or ceramic resonator. The external
oscillator for the Real Time Clock (RTC) module accepts a 32.768 kHz crystal.
Figure 5. External clock source circuitry
The clocking circuitry on the KwikStik is shown on sheet 7 of the schematics and in Figure 5. A 4.0 MHz
ceramic resonator with built-in load capacitors is the default external source for the MCG oscillator
inputs (XTAL/EXTAL_MAIN). A 32.768 KHz crystal is connected to the RTC oscillator inputs by default.
2.3 System Power
The main power source for the KwikStik comes from either one of the two Micro USB ports. When
plugged in, power for the system is derived from a Freescale MC34727CFCR2 3.3V regulator.
When installed into a Tower System, the KwikStik can be powered from either an on-board source or
from another source in the assembled Tower System.
Switching the ON/OFF switch to the OFF position will cut power supply to the K40X256 MCU. The
JM128 will remain powered even if the switch is in the OFF position, enabling the KwikStik for external
programming. Refer to section 2.4, “Debug Interface” for information on how to use the on board
SEGGER J-link debug interface. Refer to Figure 6 for location and correct usage of the ON/OFF switch.


Similar Description - KWIKSTIK-K40

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BBL-132-G-F SAMTEC-BBL-132-G-F Datasheet
160Kb / 1P
   ASSEMBLY BOARD TO BOARD SPACING
logo
Tyco Electronics
408-8502 MACOM-408-8502 Datasheet
88Kb / 2P
   Fixture Board Assembly
2106154-1 MACOM-2106154-1 Datasheet
842Kb / 4P
   Board-to-Board Screw down Jumper Assembly
logo
Molex Electronics Ltd.
75555 MOLEX-75555 Datasheet
1Mb / 3P
   EXTreme PowerMass??High-Current Assembly Board-to-Board
logo
Microsemi Corporation
LXMG1800_LS MICROSEMI-LXMG1800_LS Datasheet
84Kb / 4P
   Ambient Light Sensor Board Assembly
logo
Edal Industries, Inc.
B980 EDAL-B980 Datasheet
119Kb / 1P
   SILICON HIGH VOLTAGE ASSEMBLY BOARD
logo
RF Micro Devices
AN0010 RFMD-AN0010 Datasheet
22Kb / 2P
   Evaluation Board Assembly Biasing Configuration
logo
Edal Industries, Inc.
B1168 EDAL-B1168 Datasheet
89Kb / 1P
   SILICON HIGH VOLTAGE ASSEMBLY BOARD
logo
BRIGHT LED ELECTRONICS ...
BL-C34-2G-V1K BRIGHT-BL-C34-2G-V1K Datasheet
157Kb / 2P
   ease in circuit board assembly
logo
TE Connectivity Ltd
C-2213189 TEC-C-2213189 Datasheet
416Kb / 4P
   ASSEMBLY, POKE-IN INVERTED THROUGH BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com