Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5-A-C8 Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # LC5-A-C8
Description  SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC5-A-C8 Datasheet(HTML) 5 Page - PANDUIT CORP.

  LC5-A-C8 Datasheet HTML 1Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 2Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 3Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 4Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 5Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 6Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 7Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Mount Spacing
To determine the number of mounts to use in a given application, the following formula can be used as a guideline:
For example, to determine the mount spacing using part number ABM2S-A-C for an application with a bundle of wires that weigh one
pound per foot, the formula would be:
Proper Storage Conditions
Mounts and adhesives should be kept in the original packaging until they are ready to be applied. Store at room temperature 70°F (21°C)
with 45% or less relative humidity. Avoid storing adhesive products near heating vents or other heating sources.
Using the guidelines above, the average shelf life of adhesive foam tape is three (3) years from the date of manufacture. The shelf life of
Two-part Epoxy Adhesive is one (1) year from the date of manufacture. Failing to follow the recommended storage conditions may reduce
the shelf life or adhesive strength of the foam tape and Two-part Epoxy Adhesive.
Adhesive Technical Information
Adhesive foam tape properties are developed with thorough laboratory research and testing. The double-coated adhesive foam tape used
on
PANDUIT ® Adhesive Backed Mounts is manufactured under strict quality requirements, which provide consistent, high quality
performance for use on adhesive mounts. Each package of mounts has an expiration date and a Quality Control number printed on the
label, which permit traceability.
Double Coated Foam Tape Properties
Polyethylene
(In.) Total
Less Liner
6
.040
.035
Polyethylene
6
.039
.034
Rubber Adhesive
Acrylic Adhesive
Cable bundle weight in lbs/foot
Minimum number of
mounts per foot
=
Maximum static load rating of the mount*
1 pound per foot
0.5 lbs load rating
2 mounts per foot
=
* See pages 6-7 for static load ratings.
Backing Material
Nominal Backing Density (pcf)
Thickness (PSTC-33)
Static Shear MIL-T-60394A (Hours)
72°F/17.6 psi
72°F/8.8 psi
158°F/2.s psi
500+
1000+
100+
N/A
N/A
200+


Similar Part No. - LC5-A-C8

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LC5 ROITHNER-LC5 Datasheet
59Kb / 1P
   LC5
logo
Illinois Capacitor, Inc...
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
logo
Seoul Semiconductor
LC500Z SEOUL-LC500Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC501 SEOUL-LC501 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC501 SEOUL-LC501 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Similar Description - LC5-A-C8

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FCM1-A-C14 PANDUIT-FCM1-A-C14 Datasheet
488Kb / 8P
   Adhesive Backed Mounts and Devices Features and Benefits
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
   ADHESIVE BACKED MOUNT
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
   ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
   ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
561-AWCF32811B ETC2-561-AWCF32811B Datasheet
81Kb / 2P
   Adhesive Backed Wire Clip
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
   Adhesive Backed Nylon Cable Clips
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
   Releasable Adhesive Backed Wire Clips
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com