Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8810QJ420-T Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT8810QJ420-T
Description  Eight Channel ActivePathTM Power Management IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810QJ420-T Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT8810QJ420-T Datasheet HTML 1Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 2Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 3Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 4Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 5Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 6Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 7Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 8Page - Active-Semi, Inc ACT8810QJ420-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PIN CONFIGURATION
ORDERING INFORMATION
TOP VIEW
Thin - QFN (TQFN55-40)
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: To select VSTBYx as a output regulation voltage of REGx, tie VSEL to VSYS or a logic high.
: Refer to the Control Sequence section for more information.
PART
NUMBER
VOUT1/VSTBY1
VOUT2/VSTBY2 VOUT3/VSTBY3 VOUT4 VOUT5 VOUT6 CONTROL SEQUENCE
ACT8810QJ1C1-T
3.3V/3.3V
1.1V/1.2V
1.2V/1.2V
1.2V
2.8V
3.3V
Sequence A
ACT8810QJ213-T
1.2V/1.2V
1.8V/1.8V
1.0V/1.0V
3.3V
1.2V
3.0V
Sequence B
ACT8810QJ3EB-T
3.3V/3.3V
1.2V/1.2V
1.8V/1.8V
1.5V
2.8V
3.3V
Sequence C
ACT8810QJ420-T
3.3V/3.3V
1.8V/1.8V
1.1V/1.2V
1.2V
3.3V
2.5V
Sequence D
ACT8810QJ50F-T
1.2V/1.2V
3.3V/3.3V
1.8V/1.8V
3.3V
1.8V
3.0V
Sequence E
TH
DCCC
ACIN
BAT
BAT
VSYS
VSYS
CHG_IN
ISET
ACT8810
BTR
OUT5
VP3
SW3
GP3
OUT3
nPBIN
SDA
SCL
ON3
OUT6
EP
PACKAGING DETAILS
PACKAGE
PINS
TEMPERATURE
RANGE
PACKING
ACT8810QJ###-T
TQFN55-40
40
-40°C to +85°C
TAPE & REEL


Similar Part No. - ACT8810QJ420-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810QJ420-T ACTIVE-SEMI-ACT8810QJ420-T Datasheet
760Kb / 53P
   Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810QJ420-T ACTIVE-SEMI-ACT8810QJ420-T Datasheet
768Kb / 53P
   Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
More results

Similar Description - ACT8810QJ420-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810_09 Datasheet
889Kb / 52P
   Eight Channel ActivePathTM Power Management IC
Rev 4, 01-Oct-09
ACT8828 ACTIVE-SEMI-ACT8828_12 Datasheet
720Kb / 50P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_09 Datasheet
639Kb / 49P
   Six Channel ActivePathTM Power Management IC
Rev 3, 24-Sep-09
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
   Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
ACT8810 ACTIVE-SEMI-ACT8810 Datasheet
150Kb / 2P
   Eight Channel ActivePath??Power Management IC
12-Mar-09
ACT8810 ACTIVE-SEMI-ACT8810_10 Datasheet
760Kb / 53P
   Eight Channel ActivePath??Power Management IC
Rev 8, 08-Oct-10
ACT8810 ACTIVE-SEMI-ACT8810_12 Datasheet
768Kb / 53P
   Eight Channel ActivePath Power Management IC
Rev 9, 15-Nov-12
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
   Nine Channel ActivePath??Power Management IC
24-Sep-09
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com