Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ11 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMDJ11
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMDJ11 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMDJ11 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMDJ11 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMDJ11 Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMDJ11 Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMDJ11 Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
FEATURES
MECHANICAL DATA
SMDJ5.0 thru SMDJ
0 CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25
C ambient temperature unless otherwise specified
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
Low leakage
3000 W peak pulse power capability
Glass passivated chip
Uni and Bidirectional unit
with a 10/1000 us waveform, repetitive
Excellent clamping capability
rate (duty cycle):0.01 %
Very fast response time
Case
Molded plastic
Lead: Solderable per MIL-STD-750,
Method 2026
Polarity Color band denotes positive end (cathode)
except bidirectional
Mounting position: Any
www.paceleader.tw
44
REVERSE VOLTAGE 6.8 to 520 Volts
PEAK PULSE POWER 3000 WATTS
3
Epoxy UL 94V-0 rate flame retardant
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
See Next Table
–55 to +150
Power dissipation on infinite heatsink at TL = 75 °C
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only
(1)
Maximum instantaneous forward voltage at 100 A
for unidirectional only
(2)
TJ, TSTG
Value
Minimum 3000
Peak pulse current wih a 10/1000μs waveform
Parameter
°C
Watts
PD
3.5/5.0
VF
IFSM
Operating junction and storage temperature range
UNIT
Symbol
Peak power dissipation with a 10/1000μs waveform
6.0
300
PPP
IPP
Watts
Amps.
Volts
Amps.
Note:
(1) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
(2) VF= 3.5V on SMDJ5.0 thru SMDJ90A devices and VF= 5.0V onSMDJ100 thru SMDJ440A devices.


Similar Part No. - SMDJ11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ11 ETC1-SMDJ11 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Shenzhen Luguang Electr...
SMDJ11 LUGUANG-SMDJ11 Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMDJ11 SOCAY-SMDJ11 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMDJ11 FS-SMDJ11 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ11 SOCAY-SMDJ11 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ11

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com