Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8891 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8891
Description  Advanced PMU for Rockchip RK2918 Processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8891 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8891 Datasheet HTML 2Page - Active-Semi, Inc ACT8891 Datasheet HTML 3Page - Active-Semi, Inc ACT8891 Datasheet HTML 4Page - Active-Semi, Inc ACT8891 Datasheet HTML 5Page - Active-Semi, Inc ACT8891 Datasheet HTML 6Page - Active-Semi, Inc ACT8891 Datasheet HTML 7Page - Active-Semi, Inc ACT8891 Datasheet HTML 8Page - Active-Semi, Inc ACT8891 Datasheet HTML 9Page - Active-Semi, Inc ACT8891 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ACT8891
Rev 1, 06-Sep-13
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
25
NC3
Connect NC3 to GA.
26
VP2
Power Input for REG2 and System Control. Bypass to GP2 with a high quality ceramic capacitor
placed as close to the IC as possible.
27
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
28
GP2
Power Ground for REG2. Connect GA, GP1,GP2 and GP3 together at a single point as close to
the IC as possible.
29
GP1
Power Ground for REG1. Connect GA, GP1,GP2 and GP3 together at a single point as close to
the IC as possible.
30
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
31
VP1
Power Input for REG1. Bypass to GP1 with a high quality ceramic capacitor placed as close to
the IC as possible.
32
REFBP
Reference Bypass. Connect a 0.047μF ceramic capacitor from REFBP to GA. This pin is
discharged to GA in shutdown.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.
24
OUT2
Output Feedback Sense for REG2. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
23
VDDREF
Power supply for the internal reference. Connect this pin directly to the system power supply.
Bypass VDDREF to GA with a 1µF capacitor placed as close to the IC as possible. Star
connection with VP1, VP2 and VP3 preferred.


Similar Part No. - ACT8891

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
   Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
More results

Similar Description - ACT8891

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
   Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
ACT8941A ACTIVE-SEMI-ACT8941A Datasheet
757Kb / 42P
   Advanced PMU for Rockchip RK2906/RK2918 Processor
Rev 0, 12-Mar-13
ACT8931A ACTIVE-SEMI-ACT8931A_14 Datasheet
756Kb / 43P
   Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8931A ACTIVE-SEMI-ACT8931A Datasheet
757Kb / 42P
   Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
   Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
ACT8942 ACTIVE-SEMI-ACT8942_14 Datasheet
830Kb / 44P
   Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com