Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8897Q4I1PQ-T Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8897Q4I1PQ-T
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8897Q4I1PQ-T Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8897Q4I1PQ-T Datasheet HTML 1Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 2Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 3Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 4Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 5Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 6Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 7Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 8Page - Active-Semi, Inc ACT8897Q4I1PQ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ACT8897
Rev 2, 05-Sep-13
- 5 -
www.active-semi.com
ActivePMU
TM is trademark of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
OUT1
Output Feedback Sense for REG1. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
2
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1,GP2 and GP3
together at a single point as close to the IC as possible.
3
OUT4
Output Voltage for REG4. Capable of delivering up to 150mA of output current. Connect a 1.5µF
ceramic capacitor from OUT4 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
4
OUT5
Output Voltage for REG5. Capable of delivering up to 150mA of output current. Connect a 1.5µF
ceramic capacitor from OUT5 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
5
INL45
Power Input for REG4 and REG5. Bypass to GA with a high quality ceramic capacitor placed as
close to the IC as possible.
6
INL67
Power Input for REG6 and REG7. Bypass to GA with a high quality ceramic capacitor placed as
close to the IC as possible.
7
OUT6
Output Voltage for REG6. Capable of delivering up to 250mA of output current. Connect a 2.2µF
ceramic capacitor from OUT6 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
8
OUT7
Output Voltage for REG7. Capable of delivering up to 250mA of output current. Connect a 2.2µF
ceramic capacitor from OUT7 to GA. The output is discharged to GA with 1.5kΩ resistor when
disabled.
9
nPBIN
Master Enable Input. Drive nPBIN to GA through a 50kΩ resistor to enable the IC, drive nPBIN
directly to GA to assert a manual reset condition. Refer to the nPBIN Multi-Function Input section
for more information. nPBIN is internally pulled up to VVDDREF through a 35kΩ resistor.
10
PWRHLD
Power Hold Input. Refer to the Control Sequences section for more information.
11
nRSTO
Active Low Reset Output. See the nRSTO Output section for more information.
12
nIRQ
Open-Drain Interrupt Output. nIRQ asserts any time an unmasked fault condition exists or an
interrupt occurs. See the nIRQ Output section for more information.
13
nPBSTAT
Active-Low Open-Drain Push-Button Status Output. nPBSTAT is asserted low whenever the
nPBIN is pushed, and is high-Z otherwise. See the nPBSTAT Output section for more information.
14
GP3
Power Ground for REG3. Connect GA, GP1, GP2, and GP3 together at a single point as close to
the IC as possible.
15
SW3
Switching Node Output for REG3. Connect this pin to the switching end of the inductor.
16
VP3
Power Input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close to the
IC as possible.
17
PWREN
Power Enable Input. Refer to the Control Sequences section for more information.
18
NC1
Connect NC1 to GA.
19
OUT3
Output Feedback Sense for REG3. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
20
VSEL
Step-Down DC/DCs Output Voltage Selection. Drive to logic low to select default output voltage.
Drive to logic high to select secondary output voltage. See the Output Voltage Programming
section for more information.
21
SCL
Clock Input for I2C Serial Interface.
22
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of SCL.


Similar Part No. - ACT8897Q4I1PQ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8897 ACTIVE-SEMI-ACT8897 Datasheet
110Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
29-Nov-10
More results

Similar Description - ACT8897Q4I1PQ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8937 ACTIVE-SEMI-ACT8937 Datasheet
93Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
09-Nov-10
ACT8937 ACTIVE-SEMI-ACT8937_14 Datasheet
975Kb / 44P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 0, 21-Sep-10
ACT8937A ACTIVE-SEMI-ACT8937A Datasheet
845Kb / 45P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 1, 22-Oct-12
ACT8897 ACTIVE-SEMI-ACT8897 Datasheet
110Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
29-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
   Advanced PMU for Samsung S3C6410
09-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8894 ACTIVE-SEMI-ACT8894 Datasheet
85Kb / 2P
   Advanced PMU for Samsung S3C2416/S3C2450
29-Nov-10
ACT8934A ACTIVE-SEMI-ACT8934A Datasheet
768Kb / 45P
   Advanced PMU for Samsung S3C2416/S3C2450
Rev 1, 22-Oct-12
ACT8934 ACTIVE-SEMI-ACT8934 Datasheet
100Kb / 2P
   Advanced PMU for Samsung S3C2416/S3C2450
05-Nov-10
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com