Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8937QJ206-T Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8937QJ206-T
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937QJ206-T Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8937QJ206-T Datasheet HTML 2Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 3Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 4Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 5Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 6Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 7Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 8Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 9Page - Active-Semi, Inc ACT8937QJ206-T Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ACT8937
Rev 0, 21-Sep-10
®
- 6 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2010 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
25
VSEL
Step-Down DC/DCs Output Voltage Selection. Drive to logic low to select default output voltage.
Drive to logic high to select secondary output voltage. See the Output Voltage Programming
section for more information.
26
SCL
Clock Input for I2C Serial Interface.
27
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of SCL.
28
nSTAT
Active-Low Open-Drain Charger Status Output. nSTAT has a 8mA (typ) current limit, allowing it
to directly drive an indicator LED without additional external components. See the Charge Status
Indicator
section for more information.
29, 30
BAT
Battery Charger Output. Connect this pin directly to the battery anode (+ terminal)
31, 32
VSYS
System Output Pin. Bypass to GA with a 10µF or larger ceramic capacitor.
33
CHGIN
Power Input for the Battery Charger. Bypass CHGIN to GA with a capacitor placed as close to
the IC as possible. The battery charger is automatically enabled when a valid voltage is present
on CHGIN .
34
OUT2
Output Feedback Sense for REG2. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
35
VP2
Power Input for REG2. Bypass to GP12 with a high quality ceramic capacitor placed as close as
possible to the IC.
36
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
37
GP12
Power Ground for REG1 and REG2. Connect GA, GP12 and GP3 together at a single point as
close to the IC as possible.
38
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
39
VP1
Power Input for REG1. Bypass to GP12 with a high quality ceramic capacitor placed as close as
possible to the IC.
40
NC
No Connect. Not internally connected.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.


Similar Part No. - ACT8937QJ206-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8937 ACTIVE-SEMI-ACT8937 Datasheet
93Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
09-Nov-10
ACT8937A ACTIVE-SEMI-ACT8937A Datasheet
845Kb / 45P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 1, 22-Oct-12
ACT8937AQJ106-T ACTIVE-SEMI-ACT8937AQJ106-T Datasheet
845Kb / 45P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 1, 22-Oct-12
ACT8937AQJ11C-T ACTIVE-SEMI-ACT8937AQJ11C-T Datasheet
845Kb / 45P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 1, 22-Oct-12
ACT8937AQJ1PQ-T ACTIVE-SEMI-ACT8937AQJ1PQ-T Datasheet
845Kb / 45P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 1, 22-Oct-12
More results

Similar Description - ACT8937QJ206-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8937 ACTIVE-SEMI-ACT8937 Datasheet
93Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
09-Nov-10
ACT8897 ACTIVE-SEMI-ACT8897_14 Datasheet
595Kb / 32P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 2, 05-Sep-13
ACT8937A ACTIVE-SEMI-ACT8937A Datasheet
845Kb / 45P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
Rev 1, 22-Oct-12
ACT8897 ACTIVE-SEMI-ACT8897 Datasheet
110Kb / 2P
   Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
29-Nov-10
ACT8936 ACTIVE-SEMI-ACT8936 Datasheet
99Kb / 2P
   Advanced PMU for Samsung S3C6410
09-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8894 ACTIVE-SEMI-ACT8894 Datasheet
85Kb / 2P
   Advanced PMU for Samsung S3C2416/S3C2450
29-Nov-10
ACT8934A ACTIVE-SEMI-ACT8934A Datasheet
768Kb / 45P
   Advanced PMU for Samsung S3C2416/S3C2450
Rev 1, 22-Oct-12
ACT8934 ACTIVE-SEMI-ACT8934 Datasheet
100Kb / 2P
   Advanced PMU for Samsung S3C2416/S3C2450
05-Nov-10
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com