Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP810 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP810
Description  3 Pin Microprocessor Supervisor Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP810 Datasheet(HTML) 4 Page - Exar Corporation

  SP810 Datasheet HTML 1Page - Exar Corporation SP810 Datasheet HTML 2Page - Exar Corporation SP810 Datasheet HTML 3Page - Exar Corporation SP810 Datasheet HTML 4Page - Exar Corporation SP810 Datasheet HTML 5Page - Exar Corporation SP810 Datasheet HTML 6Page - Exar Corporation SP810 Datasheet HTML 7Page - Exar Corporation SP810 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S
SP
P8
80
09
9 /
/ S
SP
P8
81
10
0
3
3 P
Piin
n M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orr C
Ciirrccu
uiitt
© 2011 Exar Corporation
4/8
Rev. 2.0.0
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP809EK-L-2-3/TR
-40°C≤TA≤+85°C
N4WW
SOT23-3
2.5K/Tape & Reel Lead Free
SP809EK-L-2-6/TR
-40°C≤TA≤+85°C
P4WW
SP809EK-L-2-9/TR
-40°C≤TA≤+85°C
Q4WW
SP809EK-L-3-1/TR
-40°C≤TA≤+85°C
R4WW
SP809EK-L-4-6/TR
-40°C≤TA≤+85°C
U4WW
SP809NEK-L-2-3/TR -40°C≤TA≤+85°C
V4WW
SP809NEK-L-2-9/TR -40°C≤TA≤+85°C
X4WW
SP809NEK-L-3-1/TR -40°C≤TA≤+85°C
Y4WW
SP809NEK-L-4-6/TR -40°C≤TA≤+85°C
C5WW
SP810EK-L-2-6/TR
-40°C≤TA≤+85°C
E5WW
SP810EK-L-4-4/TR
-40°C≤TA≤+85°C
J5WW
“YY” = Year – “WW” = Work Week – “X” = Lot Number; when applicable.


Similar Part No. - SP810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP810 SIPEX-SP810 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
SeCoS Halbleitertechnol...
SP8100S SECOS-SP8100S Datasheet
398Kb / 2P
   8.0AMP Schottky Barrier Rectifiers
logo
Sipex Corporation
SP8107 SIPEX-SP8107 Datasheet
146Kb / 3P
   Three Channel High Performance Laser Driver
SP810EK-2-3 SIPEX-SP810EK-2-3 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP810EK-2-3/TR SIPEX-SP810EK-2-3/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com