Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP809EK-L-2-3TR Datasheet(PDF) 1 Page - Exar Corporation

Part # SP809EK-L-2-3TR
Description  3 Pin Microprocessor Supervisor Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP809EK-L-2-3TR Datasheet(HTML) 1 Page - Exar Corporation

  SP809EK-L-2-3TR Datasheet HTML 1Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 2Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 3Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 4Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 5Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 6Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 7Page - Exar Corporation SP809EK-L-2-3TR Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S
SP
P8
80
09
9 /
/ S
SP
P8
81
10
0
3
3 P
Piin
n M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orr C
Ciirrccu
uiitt
February 2011
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The
SP809/SP810
are
low
power
microprocessor (μP) supervisory circuits used
to monitor power supplies in μP and digital
systems.
They provide applications with benefits of
circuit reliability and low cost by eliminating
external components. If the VCC supply
voltage falls below preset threshold then a
reset signal is asserted for at least 140ms
after VCC has risen above the reset threshold.
Both the SP809 and SP810 were designed with
a reset comparator to help identify invalid
signals, which last less than 140ms. The only
difference between them is that they have an
active-low RESET output and active-high
RESET
output,
respectively.
Low
supply
current (1μA) makes SP809/SP810 ideal for
portable equipment.
The devices are available in 3 pin SOT-23
package.
Part Number
Output Type
SP809N
Open Drain Active Low
SP809
Push-Pull Low
SP810
Push-Pull Active High
APPLICATIONS
• Portable Electronic Devices
• Electrical Power Meters
• Digital Still Cameras
• µP Power Monitoring
FEATURES
• Ultra Low Supply Current 1µA (typ)
• Guaranteed Reset valid to VCC = 0.9V
• 140ms Power-On Reset Pulse Width
• Internally Fixed Threshold
2.3V, 2.6V, 2.9V, 3.1V, 4.4V, 4.6V
• 1.5% Voltage Threshold Tolerance
• 3 Pin SOT-23 Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP809 / SP810 Application Diagram


Similar Part No. - SP809EK-L-2-3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP809EK-2-3 SIPEX-SP809EK-2-3 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-3/TR SIPEX-SP809EK-2-3/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-6 SIPEX-SP809EK-2-6 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-6/TR SIPEX-SP809EK-2-6/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-9 SIPEX-SP809EK-2-9 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP809EK-L-2-3TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com