Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6641B Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6641B
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641B Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6641B Datasheet HTML 5Page - Sipex Corporation SP6641B Datasheet HTML 6Page - Sipex Corporation SP6641B Datasheet HTML 7Page - Sipex Corporation SP6641B Datasheet HTML 8Page - Sipex Corporation SP6641B Datasheet HTML 9Page - Sipex Corporation SP6641B Datasheet HTML 10Page - Sipex Corporation SP6641B Datasheet HTML 11Page - Sipex Corporation SP6641B Datasheet HTML 12Page - Sipex Corporation SP6641B Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
APPLICATION INFORMATION: continued
TABLE 2. SP6641A Resistive Load Current in Startup - low cost inductors
GND
LX
VBATT
J1
L1
22µH
U1
SP6641
VOUT
SHDN
®
®
C2
22µF
VOUT
+3.3V
D1
1
2
3
C1
22µF
5
4
1
2
3
VBATT
+0.9V to +3.3V Input
+
+
GND
ENABLE
VOUT
SP6201
VIN
®
®
RESET
1
2
3
5
4
VOUT
+3.0V
C3
1µF
Figure 15. SP6641A 3.3V Evaluation Board with SP6201 LDO Regulator
SP6641A APPLICATION CIRCUIT WITH PANASONIC INDUCTOR
SP6641A APPLICATION CIRCUIT WITH TDK INDUCTOR
L1 = ELJ-PB220KF 22µH, IDCmax = 300mA, DCR = 1.0Ω
L1 = NLC453232T-220K 22µH, IDCmax = 370mA, DCR = 0.9Ω
Startup
VOUT
IOUT
Startup
Startup
VOUT
IOUT
Startup
Load
after
after
then
Load
after
after
then
VIN
ROUT (min)
Startup
Startup
Load
VIN
ROUT (min)
Startup
Startup
Load
V
VmA
mA (max)
V
VmA
mA (max)
0.86
16000
3.31
0.2
37
0.86
16000
3.30
0.2
42
0.88
1500
3.31
2
39
0.88
1500
3.30
2
43
0.90
800
3.30
4
40
0.90
900
3.30
4
44
0.95
230
3.30
14
44
0.95
260
3.30
13
48
1.00
125
3.30
26
48
1.00
126
3.30
26
52
1.10
73
3.29
45
56
1.10
66
3.29
50
60
1.20
58
3.29
57
63
1.20
49
3.29
67
69
1.30
50
3.28
66
71
1.30
43
3.29
77
77
1.40
43
3.28
76
78
1.40
39
3.29
84
84
1.50
39
3.28
84
86
1.50
36
3.29
91
91
SuperCap Application on the
SP6641 Output
When the battery input to SP6641A is removed,
the SP6641A output will end up in the charge
mode and will slowly discharge a Supercap
connected to the output. The typical Supercap
of 0.22F will go from fully charged at 3.3V to
less than 2V in 5 minutes. The following appli-
cation circuit in figure 16 is recommended to
disconnect the SP6641 output from the SuperCap
when the battery is removed. The small SOT23-
3pin MOS switches are an inexpensive addition
to the SP6641 circuit and work well to maintain
SuperCap voltage to retain Non-Volatile CMOS
Memory while a battery is changed.


Similar Part No. - SP6641B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641B SIPEX-SP6641B Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
SP6641B SIPEX-SP6641B Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641B EXAR-SP6641B Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641A EXAR-SP6641A Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
   300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com