Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8942QJ133-T Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8942QJ133-T
Description  Advanced PMU for Amlogic AML8726-M3 Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8942QJ133-T Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8942QJ133-T Datasheet HTML 1Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 2Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 3Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 4Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 5Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 6Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 7Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 8Page - Active-Semi, Inc ACT8942QJ133-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ACT8942
Rev 2, 15-Nov-12
- 5 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2012 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
REFBP
Reference Bypass. Connect a 0.047μF ceramic capacitor from REFBP to GA. This pin is
discharged to GA in shutdown.
2
OUT1
Output Feedback Sense for REG1.
3
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP12 and GP3
together at a single point as close to the IC as possible.
4
OUT4
REG4 output. Capable of delivering up to 80mA of output current. Connect a 1.5µF ceramic
capacitor from OUT4 to GA. The output is discharged to GA with 1.5kΩ resistor when disabled.
5
OUT5
REG5 output. Capable of delivering up to 320mA of output current. Connect a 3.3µF ceramic
capacitor from OUT5 to GA. The output is discharged to GA with 1.5kΩ resistor when disabled.
6
INL
Power Input for REG4, REG5, REG6, and REG7. Bypass to GA with a high quality ceramic
capacitor placed as close to the IC as possible.
7
OUT7
REG7 output. Capable of delivering up to 320mA of output current. Connect a 3.3µF ceramic
capacitor from OUT7 to GA. The output is discharged to GA with 1.5kΩ resistor when disabled.
8
OUT6
REG6 output. Capable of delivering up to 320mA of output current. Connect a 3.3µF ceramic
capacitor from OUT6 to GA. The output is discharged to GA with 1.5kΩ resistor when disabled.
9
nPBIN
Master Enable Input. Drive nPBIN to GA through a 50kΩ resistor to enable the IC, drive nPBIN
directly to GA to assert a manual reset condition. Refer to the nPBIN Multi-Function Input section
for more information. nPBIN is internally pulled up to VSYS through a 35kΩ resistor.
10
PWRHLD
Power Hold Input. Refer to the Control Sequences section for more information.
11
nRSTO
Active Low Reset Output. See the nRSTO Output section for more information.
12
nIRQ
Open-Drain Interrupt Output. nIRQ is asserted any time an unmasked fault condition exists or a
charger interrupt occurs. See the nIRQ Output section for more information.
13
nPBSTAT
Active-Low Open-Drain Push-Button Status Output. nPBSTAT is asserted low whenever the
nPBIN is pushed, and is high-Z otherwise. See the nPBSTAT Output section for more information.
14
GP3
Power Ground for REG3. Connect GA, GP12, and GP3 together at a single point as close to the
IC as possible.
15
SW3
Switching Node Output for REG3.
16
VP3
Power Input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close to the
IC as possible.
17
OUT3
Output Feedback Sense for REG3.
18
PWREN
Power Enable Input. Refer to the Control Sequences section for more information.
19
nLBO
Low Battery Indicator Output. nLBO is asserted low whenever the voltage at LBI is lower than
1.2V, and is high-Z otherwise. See the Precision Voltage Detector section for more information.
20
LBI
Low Battery Input. The input voltage is compared to 1.2V and the output of this comparison drives
nLBO. See the Precision Voltage Detector section for more information.
21
ACIN
AC Input Supply Detection. See the Charge Current Programming section for more information.
22
CHGLEV
Charge Current Selection Input. See the Charge Current Programming section for more information.


Similar Part No. - ACT8942QJ133-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
More results

Similar Description - ACT8942QJ133-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
   Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8862 ACTIVE-SEMI-ACT8862_14 Datasheet
572Kb / 31P
   Advanced PMU for Amlogic AML8726-M3
Rev 1, 04-Sep-13
ACT8862 ACTIVE-SEMI-ACT8862 Datasheet
75Kb / 2P
   Advanced PMU for Amlogic AML8726-M3
05-Dec-11
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
   Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
   Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
   Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
ACT8941A ACTIVE-SEMI-ACT8941A Datasheet
757Kb / 42P
   Advanced PMU for Rockchip RK2906/RK2918 Processor
Rev 0, 12-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com