Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP810EK-L-2-6TR Datasheet(PDF) 8 Page - Exar Corporation

Part # SP810EK-L-2-6TR
Description  3 Pin Microprocessor Supervisor Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP810EK-L-2-6TR Datasheet(HTML) 8 Page - Exar Corporation

  SP810EK-L-2-6TR Datasheet HTML 1Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 2Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 3Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 4Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 5Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 6Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 7Page - Exar Corporation SP810EK-L-2-6TR Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
S
SP
P8
80
09
9 /
/ S
SP
P8
81
10
0
3
3 P
Piin
n M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orr C
Ciirrccu
uiitt
© 2011 Exar Corporation
8/8
Rev. 2.0.0
REVISION HISTORY
Revision
Date
Description
2.0.0
Reformat of Datasheet
Correction of package drawing
FOR FURTHER ASSISTANCE
Email:
customersupport@exar.com
Exar Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
EXAR CORPORATION
HEADQUARTERS AND SALES OFFICES
48720 Kato Road
Fremont, CA 94538 – USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7030
www.exar.com
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve
design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein,
conveys no license under any patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a
user’s specific application. While the information in this publication has been carefully checked; no responsibility, however,
is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its
safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all
such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.


Similar Part No. - SP810EK-L-2-6TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP810EK-2-3 SIPEX-SP810EK-2-3 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP810EK-2-3/TR SIPEX-SP810EK-2-3/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP810EK-2-6 SIPEX-SP810EK-2-6 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP810EK-2-6/TR SIPEX-SP810EK-2-6/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP810EK-2-9 SIPEX-SP810EK-2-9 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP810EK-L-2-6TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com