Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R141563161 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # R141563161
Description  Worlwide standardised coaxial connectors
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R141563161 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  R141563161 Datasheet HTML 1Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 2Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 3Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 4Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 5Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 6Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 7Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 8Page - List of Unclassifed Manufacturers R141563161 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.radiall.com
10-5
INTRODUCTION
• Fast and reliable cable attachment
Cable connectors can be either fully crimped or soldered/crimped, offering full flexibility for fast, reliable,
high-volume production with standard manual or pneumatic tooling.
• The center contact can be either crimped or soldered,
• The outer contact is attached to the cable by crimping a ferrule.
NEW:BNC75HDTVCONNECTORSERIESWITHPERfORmANCEUPTO6GHz
Radiall’s affordable “True” BNC 75 ohm HDTV Coaxial Connector Series can handle data rates up to 3 Gbps or
higher, while supporting the broadcast industry’s SMPTE 292M and 424M standards. Radiall is the only company that
outperforms the rest with connectors that feature gold plated center and outer contacts. These provide outstanding
electrical performance with a frequency range of up to 6 GHz, optimized at 3 GHz!
Features and Benefits
• Intermateable with standard 50 or 75 ohm BNC products
• Best material selection (brass, PTFE, BeCu, Gold) for outstanding performance and durability
• Better mechanical performance and durability with 1000 mating cycles guaranteed
• Field installable on most coaxial cables using hand-crimping tools
• Colored cable boots available for easy coding of video signals
• Custom made cable assemblies available


Similar Part No. - R141563161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141075161W ETC2-R141075161W Datasheet
29Kb / 2P
   STRAIGHT PLUG CRIMP TYPE
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
   INTRODUCTION
R141277000 ETC2-R141277000 Datasheet
40Kb / 1P
   The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement.
More results

Similar Description - R141563161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R141004000 ETC2-R141004000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
R141717000 ETC2-R141717000 Datasheet
8Mb / 35P
   Worlwide standardised coaxial connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com