Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM122 Datasheet(PDF) 1 Page - Tyco Electronics

Part # QM122
Description  Pushbutton Switches, 22mm, Oil-Tight, Round
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QM122 Datasheet(HTML) 1 Page - Tyco Electronics

  QM122 Datasheet HTML 1Page - Tyco Electronics QM122 Datasheet HTML 2Page - Tyco Electronics QM122 Datasheet HTML 3Page - Tyco Electronics QM122 Datasheet HTML 4Page - Tyco Electronics QM122 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Reliant'22 Series
I
Pushbutton Switches, 22mm, Oil-Tight, Round
I3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MOMENTARY
Metal Bushings
Contact blocks not supplied, order separately.
(See page I8.)
Model
Type
RM010(*)
Flush Button
RM020(*)
Extended Button
RM015(*)
Extended Guard
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
Thermoplastic Bushings (Threaded)
Contact blocks not supplied, order separately.
(See page I8.)
Model
Type
RT010(*)
Flush Button
RT020(*)
Extended Button
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
.039 - .236
(.99 - 5.99)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.04
(26.5)
PANEL
THICKNESS
.039 - .394
(.99 - 10.0)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.34
(34.0)
PANEL
THICKNESS
FEATURES
• Fits 7/8" (22mm) diameter holes
• Full size buttons
• Meets NEMA 1, 12 and 13
• Rugged heavy-duty metal bushing, or thermoplastic bushings
for full installation
• Matte black beveled frame finish
• IP65 protection level
• Snap-block contacts
• 6A @ 600VAC, 6A @ 125VDC V40, V50, F40, F50
6A @ 600VAC, 4A @ 125VDC VAO, VRO, FAO, FRO
• Easy "no tool" mounting
• Choice of screw terminals or dual .110/.250 quick connects
• Double-break silver contacts standard, gold plated optional
• Stackable
INSTALLATION & ASSEMBLY
A. Engage the operator (1) into the 22.5mm dia. mounting hole.
B. Engage metal ring (2) with operator (bayonet lock). Tighten set
screws against back of panel.
C. Snap the contact blocks (4) on the support(3).
D. Snap the support (3) complete with contact blocks (4) on the
metal ring (2).
A. Engage the operator and seal (1) into the 22.5mm dia. mounting hole.
B. Mount back-up nut (2) on bushing and then tighten against panel.
C. Snap the contact blocks (4) on the support (3).
D. Snap the support (3) complete the contact blocks (4) onto operator (1).
1/8" Drill
[3.17]
7/8" Drill
[22.22]
Panel Hole
QT/RT
Models
QM/RM
Models
1
4
3
4
3
2
1
RM020(*)
RM010(*)
RT010
RT020
2
Flush
Button
Extended
Button


Similar Part No. - QM122

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QM12038 QORVO-QM12038 Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038PCK410 QORVO-QM12038PCK410 Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038SB QORVO-QM12038SB Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038SR QORVO-QM12038SR Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038TR13-5K QORVO-QM12038TR13-5K Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
More results

Similar Description - QM122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437614-1 MACOM-2-1437614-1 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
RM232 MACOM-RM232 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-0 MACOM-2-1437614-0 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-8 MACOM-2-1437614-8 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-6 MACOM-2-1437614-6 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-3 MACOM-2-1437614-3 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
logo
GREATECS
PB16 GREATECS-PB16 Datasheet
694Kb / 3P
   SPST Sealed Round Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
   Momentary pushbutton switches - round plunger
U411A ETC2-U411A Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com