Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM122 Datasheet(PDF) 4 Page - Tyco Electronics

Part # QM122
Description  Pushbutton Switches, 22mm, Oil-Tight, Round
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QM122 Datasheet(HTML) 4 Page - Tyco Electronics

  QM122 Datasheet HTML 1Page - Tyco Electronics QM122 Datasheet HTML 2Page - Tyco Electronics QM122 Datasheet HTML 3Page - Tyco Electronics QM122 Datasheet HTML 4Page - Tyco Electronics QM122 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
.039 - .236
(.99 - 5.99)
.886
(22.5)
.512
(13.0)
1.16
(29.5)
1.04
(26.5)
60
°
60
°
Panel
Thickness
Reliant'22
Keylock or Pushbutton Switches, 22mm, Oil-Tight or Pilot Lights
I
I6
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
3 POSITION KEYLOCK SELECTOR
MAINTAINED OR MOMENTARY
Metal Bushings
Contact blocks not supplied, order separately. (See page I8.)
Tyco
Alcoswitch Action
CAM
Remove
Tyco
Alcoswitch Action
CAM
Remove
Electronics
Key
Electronics
Key
5-1437614-8 RM210
Maintained 2
6-1437614-4 RM243
Maintained
4
5-1437614-9 RM220
Maintained 2
6-1437614-6 RM270
Mom. Right Side
2
6-1437614-0 RM222
Maintained 3
6-1437614-7 RM272
Mom. Right Side
3
6-1437614-1 RM230
Maintained 2
6-1437614-8 RM273
Mom. Right Side
4
6-1437614-2 RM232
Maintained 3
6-1437614-9 RM280
Mom. Both Sides 2
6-1437614-3 RM233
Maintained 4
1437614-1 E1
Spare Key
RM240
Maintained 2
Note: Front beveled frame is black.
Supplied with 2 keys
60
°
60
° 60° Throw
between
positions
RM120(*)
ILLUMINATED/ROUND MOMENTARY/MAINTAINED
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Lamp circuit isolated. Order lamp separately. (See page I15.)
Lamps: Use T-3 1/4 or G3 1/2 incandescent or neon lamps.
Tyco Electronics
Alcoswitch Action
Type
Cam Type
RM120(*)
Momentary
Extended Button
RM122(*)
Momentary
Guarded Button
+RM130(*) Maintained
Flush Button
+RM145(*) Maintained
Mushroom
RM150(*)
Momentary
Mushroom
5-1437614-3
RM1652
Twist Release Mushroom, Red
Illuminated Selectors
RM650(*)
Maintained
2-Pos. Selector**1
RM653(*)
Maintained
3-Pos. Selector**2
When operating from line voltage use step down transformers 5BO or 570. (See page I15.)
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
Note: RM145 and RM150 available only in red, yellow, green.
**Use G3 1/2 lamps only.
Note: Front beveled frame is black.
QM600
(RM600)
Metal Bushing
PILOT LIGHTS (FULL VOLTAGE TYPE)
Lamps: order separately, miniature bayonet base.
(See page I15.)
Lamps: use G3 1/2 on QM600(*), use T3 1/4 on
SR601(*), RM600(*). Custom legends available.
Model
Type
QM600(*)
Square pilot light, metal bushing
SR601(*)
Round pilot light, plastic bushing screw turn
RM600(*)
Round pilot light, metal bushing
(*) Specify color by adding suffix number: (2) Red, (3) Orange, (4) Yellow,
(5) Green, (6) Blue, (9) White.
.039 - .236
(.99 - 5.99)
.847
(21.5)
1.16
(29.5)
1.83
(46.5)
MUSHROOM
BUTTON
SELECTOR
1.14
(29.0)
1.58
(40.0)
1.102
(28.0)
1.060
(26.9)
LAMP
MODULE
INCLUDED
.039 - .236
(.99 - 5.99)
.689
(17.5)
1.16
(29.5)
1.83
(46.5)
TRANSPARENT
GUARD
.689
(17.5)
1.16
(29.5)
.866
(22.0)
1.968
(50.0)
SR601
Threaded
Thermoplastic
Bushing Front lampable
Panel
Thickness
Panel
Thickness
Push-On - Push-Off
See Application Note
}
Application Note:
+V40/F40 used for N.C contact block.
+VA0/FA0 used for N.O.contact block.


Similar Part No. - QM122

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QM12038 QORVO-QM12038 Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038PCK410 QORVO-QM12038PCK410 Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038SB QORVO-QM12038SB Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038SR QORVO-QM12038SR Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
QM12038TR13-5K QORVO-QM12038TR13-5K Datasheet
442Kb / 12P
   SP8T Switch For 3G/4G Applications
2015
More results

Similar Description - QM122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437614-1 MACOM-2-1437614-1 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
RM232 MACOM-RM232 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-0 MACOM-2-1437614-0 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-8 MACOM-2-1437614-8 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-6 MACOM-2-1437614-6 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-3 MACOM-2-1437614-3 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
logo
GREATECS
PB16 GREATECS-PB16 Datasheet
694Kb / 3P
   SPST Sealed Round Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
   Momentary pushbutton switches - round plunger
U411A ETC2-U411A Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com