Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1A48D25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RS1A48D25
Description  Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS1A48D25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RS1A48D25 Datasheet HTML 1Page - List of Unclassifed Manufacturers RS1A48D25 Datasheet HTML 2Page - List of Unclassifed Manufacturers RS1A48D25 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Rated opera-
Non-rep.
Control
Rated operational current
tional voltage
voltage
voltage
10 A
25 A
40 A
230 VACrms
650 Vp
4.5-32 VDC
RS1A23D10
RS1A23D25
RS1A23D40
18-36 VAC/DC
RS1A23LA10
RS1A23LA25
RS1A23LA40
400 VACrms
850 Vp
4.5-32 VDC
RS1A40D10
RS1A40D25
RS1A40D40
18-36 VAC/DC
RS1A40LA10
RS1A40LA25
RS1A40LA40
480 VACrms
1200 Vp
4.5-32 VDC
RS1A48D10
RS1A48D25
RS1A48D40
18-36 VAC/DC
RS1A48LA10
RS1A48LA25
RS1A48LA40
• Zero switching AC Solid State Relay
• LED indication
• Clip-on IP protection cover
• Self-lifting terminals
• Housing free of moulding mass
• 2 input ranges: 4.5-32 VDC and 18-36 VAC/VDC
• Operational ratings up to 40 AACrms and 480 VAC
• Non-repetitive voltage: Up to 1200 Vp
• Opto-insulation: > 4000 VACrms
Product Description
The zero switching relay with
triac (10 A) or alternistor out-
put (25 A, 40 A) is an inex-
pensive solution for resistive
loads. The zero switching
relay
switching
relay
swi-
tches ON when the sinusoi-
dal curve crosses zero and
Solid State Relay
Number of poles
Switching mode
Rated operational voltage
Control voltage
Rated operational current
Ordering Key
Solid State Relays
switches OFF when the cur-
rent crosses zero. The LED
indicates the status of the
control input. The clip-on
cover is securing touch safe-
ty to IP 20. Protected output
terminals can take cables up
to 16 mm2.
Type Selection
Switching mode
Rated operational
Rated operational
Control voltage
voltage
current
A: Zero Switching
23: 230 VACrms
10: 10 AACrms
LA: 18 - 36 VAC/VDC
40: 400 VACrms
25: 25 AACrms
D: 4.5 - 32 VDC
48: 480 VACrms
40: 40 AACrms
Selection Guide
Industrial, 1-Phase ZS w. LED
Types RS 23, RS 40, RS 48
RS 1 A 23 D 25
Preliminary data sheet


Similar Part No. - RS1A48D25

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Dongguan City Niuhang E...
RS1A NIUHANG-RS1A Datasheet
2Mb / 3P
   FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
RS1A PANJIT-RS1A Datasheet
129Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1A DIODES-RS1A Datasheet
47Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Gaomi Xinghe Electronic...
RS1A GXELECTRONICS-RS1A Datasheet
562Kb / 2P
   FAST RECOVER RECTIFIER
More results

Similar Description - RS1A48D25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
   Industrial RS-232 to RS-422/485 Converters
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
   Industrial RS-232 to RS-422/485 Converter
BB-SCP211-DFTB3 ADVANTECH-BB-SCP211-DFTB3 Datasheet
212Kb / 2P
   Industrial RS-232 to RS-422/485 Converters
logo
Moxa Inc.
TCC-100 MOXA-TCC-100 Datasheet
783Kb / 4P
   Industrial RS-232 to RS-422/485 converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com