Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPL550 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPL550
Description  Choice of four output options in low-cost side-looking package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPL550 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPL550 Datasheet HTML 1Page - OPTEK Technologies OPL550 Datasheet HTML 2Page - OPTEK Technologies OPL550 Datasheet HTML 3Page - OPTEK Technologies OPL550 Datasheet HTML 4Page - OPTEK Technologies OPL550 Datasheet HTML 5Page - OPTEK Technologies OPL550 Datasheet HTML 6Page - OPTEK Technologies OPL550 Datasheet HTML 7Page - OPTEK Technologies OPL550 Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
09/08
Page 3 of 8
Photologic Sensor
OPL530, OPL531, OPL535, OPL536, OPL550, OPL551,
OPL560, OPL561, OPL562, OPL563
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPL530, OPL531, OPL535, OPL536, OPL550, OPL551, OPL560, OPL561, OPL562, OPL563 (-OC, -OCA, -OCB)
OPL550, OPL550A, OPL551, OPL551A,
OPL560, OPL560A, OPL561, OPL561A, OPL562, OPL562A, OPL563, OPL563A
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
OPL550/550A/560/560A/562/562A Totem-Pole
OPL 551/551A/561/561A/563/563A/ Inverted Totem-Pole
OPL 531/536/551/561/563 (-OC, -OCA, -OCB) Inverted Open-Collector
OPL530/535/550/560/562 (-OC, -OCA, -OCB) Open-Collector
OPL530, OPL530A, OPL530B, OPL531, OPL531A, OPL531B
OPL535, OPL535A, OPL535B, OPL536, OPL536A, OPL536B
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
OPL530/530A/530B, OPL535/535A/535B 10K Pull-Up
OPL531/531A/531B, OPL536/536A/536B Inverted 10K Pull-Up


Similar Part No. - OPL550

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
logo
TT Electronics.
OPL550 TTELEC-OPL550 Datasheet
813Kb / 10P
   Photologic Sensor
logo
OPTEK Technologies
OPL550-OC OPTEK-OPL550-OC Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
logo
TT Electronics.
OPL550-OC TTELEC-OPL550-OC Datasheet
813Kb / 10P
   Photologic Sensor
OPL550-OCA TTELEC-OPL550-OCA Datasheet
813Kb / 10P
   Photologic Sensor
More results

Similar Description - OPL550

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SDP8406-3 HONEYWELL-ACC-SDP8406-3 Datasheet
346Kb / 4P
   Side-looking plastic package
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Honeywell Accelerometer...
HLC1395-001 HONEYWELL-ACC-HLC1395-001 Datasheet
417Kb / 4P
   Side-looking plastic package
HLC2705-001 HONEYWELL-ACC-HLC2705-001 Datasheet
318Kb / 4P
   Side-looking plastic package
logo
PHOENIX CONTACT
2907596 PHOENIX-2907596 Datasheet
72Kb / 4P
   Choice of four cover sizes in transparent or color versions
2943288 PHOENIX-2943288 Datasheet
70Kb / 4P
   Choice of four cover sizes in transparent or color versions
logo
Honeywell Solid State E...
SDP8314-301 HONEYWELL-SDP8314-301 Datasheet
45Kb / 4P
   SDP Series Optoschmitt Detector, Side-looking Plastic Package
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
147Kb / 7P
   1.5mm Side Looking Phototransistor
logo
OPTEK Technologies
OPB960L51 OPTEK-OPB960L51 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com