Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1824 Datasheet(PDF) 1 Page - NEC

Part # 2SK1824
Description  N-CHANNEL MOS FET FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK1824 Datasheet(HTML) 1 Page - NEC

  2SK1824 Datasheet HTML 1Page - NEC 2SK1824 Datasheet HTML 2Page - NEC 2SK1824 Datasheet HTML 3Page - NEC 2SK1824 Datasheet HTML 4Page - NEC 2SK1824 Datasheet HTML 5Page - NEC 2SK1824 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK1824
N-CHANNEL MOS FET
FOR SWITCHING
Document No. D11220EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
PACKAGE DIMENSIONS (in mm)
0.3 ± 0.05
G
0.2
+0.1
–0
0.5
0.5
1.0
1.6 ± 0.1
D
S
0.6
0.75 ± 0.05
0 to 0.1
0.1
+0.1
–0.05
EQUIVALENT CIRCUIT
Source (S)
Internal
diode
Gate
protection
diode
Gate (G)
Drain (D)
PIN CONNECTIONS
S: Source
D: Drain
G: Gate
Marking: B1
The 2SK1824 is a N-channel vertical type MOS FET that is
driven at 2.5 V.
Because this MOS FET can be driven on a low voltage and
because it is not necessary to consider the drive current, the
2SK1824 is ideal for driving the actuator of power-saving systems,
such as VCR cameras and headphone stereo systems.
Moreover, the 2SK1824 is housed in a super small mini-mold
package so that it can help increase the mounting density on the
printed circuit board and lower the mounting cost, contributing to
miniaturization of the application systems.
FEATURES
Small mounting area: about 60 % of the conventional mini-mold
package (SC-70)
Can be automatically mounted
Can be directly driven by 3-V IC
The internal diode in the right figure is a parasitic diode.
The protection diode is to protect the product from damage
due to static electricity. If there is a danger that an extremely
high voltage will be applied across the gate and source in the
actual circuit, a gate protection circuit such as an external
constant-voltage diode is necessary.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
Drain to Source Voltage
VDSS
VGS = 0
30
V
Gate to Source Voltage
VGSS
VDS = 0
±7V
Drain Current (DC)
ID(DC)
±100
mA
Drain Current (Pulse)
ID(pulse)
PW
≤ 10 ms
±200
mA
Duty cycle
≤ 50 %
Total Power Dissipation
PT
3.0 cm2
× 0.64 mm, ceramic substrate used
200
mW
Channel Temperature
Tch
150
˚C
Operating Temperature
Topt
–55 to +80
˚C
Storage Temperature
Tstg
–55 to +150
˚C


Similar Part No. - 2SK1824

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1824 RENESAS-2SK1824 Datasheet
891Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SK1824

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1581 NEC-2SK1581 Datasheet
239Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1485 NEC-2SK1485 Datasheet
288Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1657 NEC-2SK1657 Datasheet
359Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1586 NEC-2SK1586 Datasheet
312Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1587 NEC-2SK1587 Datasheet
284Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1591 NEC-2SK1591 Datasheet
391Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1592 NEC-2SK1592 Datasheet
316Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1590 NEC-2SK1590 Datasheet
250Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1484 NEC-2SK1484 Datasheet
267Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
2SK1584 NEC-2SK1584 Datasheet
302Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com