Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4S-A2C30M-AC240V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # PM4S-A2C30M-AC240V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C30M-AC240V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  PM4S-A2C30M-AC240V Datasheet HTML 1Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 2Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C30M-AC240V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PM4S
Dimension (Unit: mm inch) Tolerance: ±0.5 ±.020
Operation mode
5.5
63.7
14.2
.217
2.508
.559
14.5
.571
48
1.890
44.5
1.752
• Surface mount dimensions
DIN rail terminal block
AT8-DF8K
(Sold separately)
102.2
4.024
Device installation rail
AT8-DLA1
(Sold separately)
• Panel mount dimensions (with mounting frame)
• Panel cut out dimensions
Standard cut out dimensions are shown below.
Use mounting frame (AT8-DA4) and rubber gasket (ATC18002).
• Adjacent mounting
84.7
3.335
50
1.969
Mounting frame
AT8-DA4 (Sold separately)
Rear terminal socket
AT78041 (Sold separately)
Panel (Thickness 1 to 3.5 mm .039 to .138 inch)
+0.6
0
45
+.024
0
1.772
Min. 80
3.150
Min. 80
3.150
+0.6
0
45
+.024
0
1.772
A = (48
×n–2.5)
A
+0.6
0
45
+.024
0
1.772
+0.6
0
A = (1.890
×n–.098)+.024
0
• Terminal layouts and wiring diagrams
Operating
voltage
COM
COM
NO
NO
NC
NC
MODE
1
2
3
4
5
6
7
8
T.D.:
Timed-out 2 Form C
INST.: Timed-out 1 Form C,
instantaneous 1 Form C
* Selected by front switch
4
3
1
1
4
3
T. D.
I N S T.
Notes:
1. Operating voltage signs in parentheses ( ) indicate the polarity
of the DC type.
2.
is a time delay contact.
is an instantaneous contact.
1. T.D. mode
2. INST. mode
ON
T
ON
OFF
OFF
Power supply
Time out
(N.O. contact)
1–3 or 6–8
OP.LED
Note: Keep 0.1s or more for power off time.
ON
ON
T
ON
OFF
OFF
OFF
Power supply
Time out
(N.O. contact) 6–8
Time out
(N.O. contact) 1–3
OP.LED
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C30M-AC240V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C30M-AC240V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com