Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM4S-A2C60M-DC12V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # PM4S-A2C60M-DC12V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C60M-DC12V Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button PM4S-A2C60M-DC12V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 9Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 10Page - Panasonic Semiconductor PM4S-A2C60M-DC12V Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PM4H-A/S/M
Terminal layouts and Wiring diagrams
PM4H-A
Pin type
• Timed-out 2 Form C
Screw terminal type
• Timed-out 2 Form C
PM4H-M
Pin type
• Timed-out 1 Form C
• Instantaneous 1 Form C
Screw terminal type
• Timed-out 1 Form C
• Instantaneous 1 Form C
PM4H-S
Pin type
• Timed-out 2 Form C
Screw terminal type
• Timed-out 2 Form C
2) Contact
3) Voltage should not be applied to the various inputs (reset, start, and stop) of
the PM4H-A multi-range timer. These inputs should be input without voltage.
Timed-out contact
Instantaneous contact
Type
PM4H-A
PM4H-S
PM4H-M
Pin
Connect the terminal
to negative
(–), and the terminal
to positive (+). Connect the terminal
x to
negative (–), and the terminal
z to positive (+).
Connect the terminal
to negative
(–), and the terminal
to positive (+).
Screw terminal
1) DC Type
Start input
Reset input
N.O.
N.C.
N.C.
3
5
4
2
1 11
10
9
8
7
6
Stop input
N.O.
(–)
(+)
Operating voltage
N.C. N.O.
N.C. N.O.
5
4
3
2
1
10
9
8
7
6
11
(–)
(+)
Operating
voltage
Stop
input
Reset
input
Start
input
(–)
(+)
N.C.
N.C.
N.O.
N.O.
Operating voltage
8
5
1
7
6
2
3
4
N.C. N.O.
N.C. N.O.
5
4
3
2
1
10
9
8
7
6
11
(–)
(+)
Operating
voltage
(–)
(+)
N.C.
N.C.
N.O.
N.O.
Operating voltage
8
5
1
7
6
2
3
4
N.C. N.O.
N.C. N.O.
5
4
3
2
1
10
9
8
7
6
11
(–)
(+)
Operating
voltage
Parts name
PM4H-S
PM4H-A
PM4H-M
Time range selector
16 time settings selectable
(1 s to 500 h)
1s 5s 10s 50s
1min 5min 10min 50min
1h 5h 10h 50h
10h 50h 100h 500h
Power indicator LED
Time indicator window
Time unit indicator
Output indicator LED
Hand
Operation mode selector
Selectable from 8 operation modes
ON : Pulse ON-delay
FL
: Pulse Flicker
FO : Pulse ON-flicker
OF1 : Differential ON/OFF-delay (1)
SF
: Signal OFF-delay
OS : Pulse One-shot
OF2 : Differential ON/OFF-delay (2)
OC : Pulse One-cycle
Set dial
Operation mode indicator
Instantaneous output area
When the hand is in this area,
instantaneous operation starts.
Operation mode selector
Selectable from
5 operation modes
ON : Power ON-delay
FL : Power flicker
FO : Power ON-flicker
OS : Power One-shot
OC : Power One-cycle
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C60M-DC12V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C60M-DC12V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com